Electronic Components Datasheet Search
  English  ▼

X  

FDWS86368 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDWS86368
Description  MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDWS86368 Datasheet(HTML) 3 Page - ON Semiconductor

  FDWS86368 Datasheet HTML 1Page - ON Semiconductor FDWS86368 Datasheet HTML 2Page - ON Semiconductor FDWS86368 Datasheet HTML 3Page - ON Semiconductor FDWS86368 Datasheet HTML 4Page - ON Semiconductor FDWS86368 Datasheet HTML 5Page - ON Semiconductor FDWS86368 Datasheet HTML 6Page - ON Semiconductor FDWS86368 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDWS86368−F085
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Normalized Power Dissipation vs.
Case Temperature
Figure 2. Maximum Continuous Drain Current
vs. Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE(oC)
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
175
200
CURRENT LIMITED
BY SILICON
CURRENT LIMITED
BY PACKAGE
VGS = 10V
TC, CASE TEMPERATURE(oC)
10
−5
10
−4
10
−3
10
−2
10
−1
10
0
10
1
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
DUTY CYCLE − DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZqJC x RqJC + TC
PDM
t1
t2
t, RECTANGULAR PULSE DURATION(s)
10
−5
10
−4
10
−3
10
−2
10
−1
10
0
10
1
10
100
1000
V
GS = 10V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TC = 25 oC
I = I 25
175 − T C
150
FOR TEMPERATURES
ABOVE 25 oC DERATE PEAK
CURRENT AS FOLLOWS:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com