Electronic Components Datasheet Search
  English  ▼

X  

MSM6889 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6889
Description  Multi-Function Telecommunication LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6889 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6889 Datasheet HTML 1Page - OKI electronic componets MSM6889 Datasheet HTML 2Page - OKI electronic componets MSM6889 Datasheet HTML 3Page - OKI electronic componets MSM6889 Datasheet HTML 4Page - OKI electronic componets MSM6889 Datasheet HTML 5Page - OKI electronic componets MSM6889 Datasheet HTML 6Page - OKI electronic componets MSM6889 Datasheet HTML 7Page - OKI electronic componets MSM6889 Datasheet HTML 8Page - OKI electronic componets MSM6889 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5/21
MSM6889
¡ Semiconductor
PIN DESCRIPTION
+5 V Power Supply (Analog Circuit).
When power is turned on or the power down mode is released, the
device must be put into the PB tone transmit mode or PB tone
detect mode.
—
VA
35
1
Output, non-inverting input and inverting input pins of on-chip
operational amplifier.
No hybrid transformer is required by use of these pins. (See Fig. 2.)
O
GAR
37
2
I
AIN+
39
3
I
AIN–
40
4
Analog signal output.
PB tone or modem transmit signal is output from this pin.
O
AO
41
5
On-chip signal ground, having a potential of about +2.5 V.
O
SG
43
6
I
GAT1
44
7
O
GAT2
45
8
O
MOD
46
9
O
PB
47
10
PB is the PB tone output and MOD is the modem signal output.
By connecting external resistors to GAT1 and GAT2 pins, signal level can
be set at required values for the modem signal and
the PB tone that are output from AO, independently. (See Fig. 3.)
These pins are used to externally adjust the received carrier
detect(CD) signal level.
The potential of VR1 to SG is about +1.1 V. The carrier
detect level can be set at the required value by a on-chip resistor
divider between VR1 and SG. The given potential to VR2 is set
about +0.88 V with high resistance inside the IC. (See Fig. 4.)
O
VR1
50
11
I
VR2
51
12
Analog Ground, 0 V.
—
AG
52
13
I*
PBG1
53
14
I*
PBG2
54
15
I*
PBG3
56
16
I*
PBG4
2
17
Inputs used to specify PB tone to be sent.
PB1 to PB4 can be connected externally like 4-bit bus line. Data is
latched at the falling edge of TEN. (See Fig. 7 and Fig. 8.)
Description
I/O
Name
Pin Number
GS
RS
* Digital input pulled up by a high resistance inside the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com