Electronic Components Datasheet Search
  English  ▼

X  

MSM6889 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6889
Description  Multi-Function Telecommunication LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6889 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6889 Datasheet HTML 4Page - OKI electronic componets MSM6889 Datasheet HTML 5Page - OKI electronic componets MSM6889 Datasheet HTML 6Page - OKI electronic componets MSM6889 Datasheet HTML 7Page - OKI electronic componets MSM6889 Datasheet HTML 8Page - OKI electronic componets MSM6889 Datasheet HTML 9Page - OKI electronic componets MSM6889 Datasheet HTML 10Page - OKI electronic componets MSM6889 Datasheet HTML 11Page - OKI electronic componets MSM6889 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/21
MSM6889
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS
Parameter
Condition
VA, VD
VD2
Rating
–0.3 to 7
–0.3 to VD
–0.3 to VA(VD) + 0.3
–65 to 150
260
Unit
V
˚C
Symbol
Power Supply Voltage
Input Pin Voltage
Storage Temperature
Pin Soldering Temperature
Ta = 25˚C
with respect to AG and DG
Within 10 sec
—
RECOMMENDED OPERATING CONDITIONS
Power Supply Voltage
Symbol
VA, VD
VD2
4.5
2.5
5.0
—
5.5
VD
V
—
Digital Input Voltage
VIH
VIL
2.0
0
—
—
VD
0.8
V
—
Digital Output Current
IOH
IOL
–0.05
—
—
—
—
0.4
mA
When VD2 = VD
(excluding) X2
Top
–40
—
+85
—°C
Operating Temperature
fCLK
–0.1
—
+0.1
—%
Input Clock Frequency
Bypass Capacitance
VA
VD, VD2
0.1 + 10
1
—
—
—
—
mF
—
Frequency Deviation
At 25°C ±5°C
–100
—
+100
ppm
At –40°C to ±85°C
–50
—
+50
Temperature
Characteristics
—
——50
Equivalent Series
Resistance
W
Load Capacitance
—
—
16
—
pF
Condition
Min.
Typ.
Max.
Unit
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com