Electronic Components Datasheet Search
  English  ▼

X  

MSM6889 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6889
Description  Multi-Function Telecommunication LSI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6889 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6889 Datasheet HTML 8Page - OKI electronic componets MSM6889 Datasheet HTML 9Page - OKI electronic componets MSM6889 Datasheet HTML 10Page - OKI electronic componets MSM6889 Datasheet HTML 11Page - OKI electronic componets MSM6889 Datasheet HTML 12Page - OKI electronic componets MSM6889 Datasheet HTML 13Page - OKI electronic componets MSM6889 Datasheet HTML 14Page - OKI electronic componets MSM6889 Datasheet HTML 15Page - OKI electronic componets MSM6889 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12/21
MSM6889
¡ Semiconductor
Figure 2
C1 is an ignorable impedance in the voice frequency band; therefore, if a line transformer and
phone line impedance are ideal (RL = 600 W pure resistance), the signal levels at each point are
as shown below.
VT, VR
: Transmit at 2W on phone line, receive signal level (balanced)
VT1, VR1
: Transmit at pin 3 (AIN+), receive signal level (unbalanced)
VAO
: Transmit signal level at pin 5 (AO) (unbalanced)
VT2
: Leaking of transmit signal into receive circuit (unbalanced)
VR2
: Receive signal level of the device (unbalanced)
1) VT = VT1 = 1/2 ¥ VAO
The transmit signal level (voltage) on phone line is half the level at the output pin (AO) of the
device. (600 W : a 600 W line transformer is used)
2) VR1 = VR
3)
Then, where R2 = R3 (e.g., 51 kW), VT2 = 0.
This means that the transmit signal is no longer leaking into the receive circuit.
4)
RL
VT VR
600 W : 600 W
C1
2.2 mF
R1
600 W
R2
R3
VT1,VR1
VAO
+
–
+
–
R2,R3 ≥ 20 kW
AO
AIN+
AIN–
GAR
VT2,VR2
3
4
2
5
FUNCTIONAL DESCRIPTION AND APPLICATION
Resistance Hybrid Condition (Ideal Condition)
VT2 = VT1 ¥ (1+
) + VAO ¥ (–
)
R3
R2
R3
R2
=
VAO ¥ (1+
) – VAO ¥
=
VAO ¥ (1–
)
R3
R2
R3
R2
1
2
R3
R2
1
2
VR2 = VR1 ¥ (1+
) , where R2 = R3, VR2 = 2 ¥ VR1 = 2 ¥ VR
R3
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com