Electronic Components Datasheet Search
  English  ▼

X  

MSM7660 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7660
Description  Digital Video Decoder (NTSC/PAL Compatible)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7660 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7660 Datasheet HTML 17Page - OKI electronic componets MSM7660 Datasheet HTML 18Page - OKI electronic componets MSM7660 Datasheet HTML 19Page - OKI electronic componets MSM7660 Datasheet HTML 20Page - OKI electronic componets MSM7660 Datasheet HTML 21Page - OKI electronic componets MSM7660 Datasheet HTML 22Page - OKI electronic componets MSM7660 Datasheet HTML 23Page - OKI electronic componets MSM7660 Datasheet HTML 24Page - OKI electronic componets MSM7660 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
¡ Semiconductor
MSM7660
21/35
OPERATION MODE SETTING
The video mode includes ;
1. Internal terminal mode to be directly set by a dedicated terminal
2. Register setting mode to be specified by setting the internal registers
These modes can be changed by the mode register MRA [4].
The reset state (default) is the external terminal mode.
The following registers can be set in the external terminal mode.
MRA[3]
input signal mode
*0:
Composite video input
1:
S-video input
MRA[2 : 0]
input mode
*000:
NTSC ITU-R601
13.5MHz
001:
NTSC Square Pixel
12.27MHz
010:
MTSC 4Fsc
14.32MHz
100:
PAL ITU-R601
13.5MHz
101:
PAL Square Pixel
14.75MHz
INTERNAL REGISTERS
Register List
D7
MRA7
MRB7
HSYT7
D6
D5
D4
Data byte
D3
D2
D1
D0
Subaddress
Register List
Mode Register A (MRA)
Mode Register B (MRB)
Horizontal Sync Trimer (HSYT)
HCLT7
Horizontal Clamp Trimer (HCLT)
HSDL7
Horizontal Sync Delay (HSDL)
HVALT7
Horizontal Valid Trimer (HVALT)
VVALT7
Vertical Valid Trimer (VVALT)
LUMC7
Luminance Control (LUMC)
AGCLF7
AGC Loop filter Control (AGCLF)
Sync separation level (SSEPL)
CHRC7
Chrominance Control (CHRC)
ACCLF7
ACC Loop filter Control (ACCCLF)
HUE7
Hue Control (HUE)
OEC7
Output enable Control (OEC)
MRA6
MRB6
HSYT6
HCLT6
HSDL6
HVALT6
VVALT6
LUMC6
AGCLF6
SSEPL6
CHRC6
ACCLF6
HUE6
OEC6
MRA5
MRB5
HSYT5
HCLT5
HSDL5
HVALT5
VVALT5
LUMC5
AGCLF5
SSEPL5
CHRC5
ACCLF5
HUE5
OEC5
MRA4
MRB4
HSYT4
HCLT4
HSDL4
HVALT4
VVALT4
LUMC4
AGCLF4
SSEPL4
CHRC4
ACCLF4
HUE4
OEC4
MRA3
MRB3
HSYT3
HCLT3
HSDL3
HVALT3
VVALT3
LUMC3
AGCLF3
SSEPL3
CHRC3
ACCLF3
HUE3
OEC3
MRA2
MRB2
HSYT2
HCLT2
HSDL2
HVALT2
VVALT2
LUMC2
AGCLF2
SSEPL2
CHRC2
ACCLF2
HUE2
OEC2
MRA1
MRB1
HSYT1
HCLT1
HSDL1
HVALT1
VVALT1
LUMC1
AGCLF1
SSEPL1
CHRC1
ACCLF1
HUE1
OEC1
MRA0
MRB0
HSYT0
HCLT0
HSDL0
HVALT0
VVALT0
LUMC0
AGCLF0
SSEPL0
CHRC0
ACCLF0
HUE0
OEC0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
OPCY7
Output Phase Control for Data Y
OPCY6
OPCY5
OPCY4
OPCY3
OPCY2
OPCY1
OPCY0
E
OPCC7
Output Phase Control for Data C
OPCC6
OPCC5
OPCC4
OPCC3
OPCC2
OPCC1
OPCC0
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com