Electronic Components Datasheet Search
  English  ▼

X  

MSM7660 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7660
Description  Digital Video Decoder (NTSC/PAL Compatible)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7660 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7660 Datasheet HTML 4Page - OKI electronic componets MSM7660 Datasheet HTML 5Page - OKI electronic componets MSM7660 Datasheet HTML 6Page - OKI electronic componets MSM7660 Datasheet HTML 7Page - OKI electronic componets MSM7660 Datasheet HTML 8Page - OKI electronic componets MSM7660 Datasheet HTML 9Page - OKI electronic componets MSM7660 Datasheet HTML 10Page - OKI electronic componets MSM7660 Datasheet HTML 11Page - OKI electronic componets MSM7660 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
¡ Semiconductor
MSM7660
8/35
AC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(Ta=0 to 70°C, VDD3=3.3V±0.3V, VDD5=5V±0.5V)
CLKX2 cycle time
tCLKX2
PAL Square Pixel
—
33.9
—
ns
NTSC 4Fsc
—
34.9
—
ns
NTSC Square Pixel
—
40.75
—
ns
ITU-RS601
—
37.05
—
ns
Input Data Setup Time
tIS
—20
—
—
ns
Input Data Hold TIme
tIH
—0
—
—
ns
Output Data Delay Time*
tOD
—5
—
30
ns
Output Data Set Time*
tODS
—2
—
12
ns
Output Data Disable Time*
tODD
—2
—
13
ns
Cascade Priority Signal Delay Time*
tCPD
—2
—
14
ns
Output Clock Delay Time*
tCXD
—5
—
14
ns
Output Clock Delay Time* (CLKDIV: Low)
tCD1
—6
—
20
ns
(CLKDIV: High)
tCD2
—8
—
22
ns
(*output load 15pF)
(Internal clock)
Clock Cycle Time
tC_SCL
Rpull_up=4.7kW
200
—
—
MHz
Clock Duty Cycle
tD_SCL
——
50
—
%
Low level Cycle
tL_SCL
Rpull_up=4.7kW
100
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com