Electronic Components Datasheet Search
  English  ▼

X  

ML63293 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML63293
Description  4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63293 Datasheet(HTML) 2 Page - OKI electronic componets

  ML63293 Datasheet HTML 1Page - OKI electronic componets ML63293 Datasheet HTML 2Page - OKI electronic componets ML63293 Datasheet HTML 3Page - OKI electronic componets ML63293 Datasheet HTML 4Page - OKI electronic componets ML63293 Datasheet HTML 5Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor
ML63293
Preliminary Ver.1.1
Feb.10,1999
2 of 5
· Program memory space
64K words
Basic instruction length is 16 bits / 1 word
· Data memory space
3K nibbles
· External data memory space
64K bytes ( expandable by using an I/O port )
· Stack level
Call stack level
: 16 levels
Register stack level
: 16 levels
· I/O ports
Input ports
: Selectable as input with pull-up resistance/ input with pull-down
resistance / high-impedance input
Output ports
: Selectable as P-channel open drain output / N-channel open drain
output / CMOS output / high-impedance output
Input-output ports
: Selectable as input with pull-up resistance / input with pull-down
resistance / high-impedance input
Selectable as P-channel open drain output / N-channel open drain
output / CMOS output / high-impedance output
Can be interfaced to external devices having different power supplies.
Number of ports:
Input ports
: 4bits
( 1port
× 4bits )
Output ports
: 16bits ( 4ports
× 4bits )
Input-output ports : 24bits ( 6ports
× 4bits )
· Melody output function
Melody sound frequency
: 529 to 2979Hz
Tone length
: 63 varieties
Tempo
: 15 varieties
Melody data
: Stored in program memory
Buzzer driver signal output
: 4kHz
· LCD driver
Number of segments
: 2176 segments max. ( 68seg.
× 32com. )
Duty
: Selectable as 1/2,1/4,1/6,1/8,1/10,1/12,1/14.1/16,1/18,1/20,
1/22,1/24,1/26,1/28,1/30, 1/32
Bias
: Selectable as 1/5 or 1/6 ( internal Voltage regulator )
Frame frequency
: 64 Hz
Contrast
: 8 levels
Display modes
: Selectable as all-ON mode, all-OFF mode, power down mode,
and normal display mode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com