Electronic Components Datasheet Search
  English  ▼

X  

ML63293 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML63293
Description  4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63293 Datasheet(HTML) 1 Page - OKI electronic componets

  ML63293 Datasheet HTML 1Page - OKI electronic componets ML63293 Datasheet HTML 2Page - OKI electronic componets ML63293 Datasheet HTML 3Page - OKI electronic componets ML63293 Datasheet HTML 4Page - OKI electronic componets ML63293 Datasheet HTML 5Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor
ML63293
Preliminary
4-Bit Microcontroller with Built-in LCD Driver ( 68SEG.
× 32COM. ) and Melody Circuit
1 of 5
This version : Feb.10,1999
GENERAL DESCRIPTION
The ML63293 is a CMOS 4-bit microcontroller with built-in LCD driver and Melody circuit.
The ML63293 is an M63xxx series mask ROM-version product of OLMS-63K family, which employs
Oki’s original CPU core nX-4/250.
The ML63293 contains 64K-word program memory, 3K-nibble data memory, 4-bit input port, 16-bit
output ports, 24-bit input/output port, LCD driver for up to 2176 segments, and melody circuit.
The ML63Q290 is the flash EEPROM version of ML63293.
The ML63Q290 is used to evaluate the software development.
APPLICATION
The ML63293 is suitable for applications such as games, toys, watches, etc. which are provided with
an LCD display and Melody output.
FEATURES
· Extensive instruction set
408 instructions
Transfer, rotate, increment,/decrement, arithmetic operations, comparison, logic operations,
mask operations, bit operations, ROM table reference, external memory transfer, stack
operations, flag operations, jump, conditional branch, call / return, control.
· Wide variety of addressing modes
Indirect addressing of four data memory types, with current bank register, extra bank register,
HL register and XY register.
Data memory bank internal direct addressing mode.
· Processing speed
2 clocks per machine cycle, with most instructions executed in 1 machine cycle.
Minimum instruction execution time : 61
µs ( @32.768kHz system clock )
1
µs ( @2MHz system clock )
· Clock generation circuit
Low-speed clock
: Crystal oscillation or RC oscillation selected with mask
option ( 30k to 80kHz )
High-speed clock
: Ceramic oscillation or RC oscillation selected with
software ( 2MHz max. )
The information contained herein can change without notice owing to product and/or technical improvements.
Before using the product, please make sure that the information being referred to is up-to-date.


Similar Part No. - ML63293

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
ML63295A-XXXGA OKI-ML63295A-XXXGA Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
ML63295A-XXXWA OKI-ML63295A-XXXWA Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results

Similar Description - ML63293

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
Built-in LCD Driver 4-Bit Microcontroller
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com