Electronic Components Datasheet Search
  English  ▼

X  

ML63293 Datasheet(PDF) 3 Page - OKI electronic componets

Part # ML63293
Description  4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63293 Datasheet(HTML) 3 Page - OKI electronic componets

  ML63293 Datasheet HTML 1Page - OKI electronic componets ML63293 Datasheet HTML 2Page - OKI electronic componets ML63293 Datasheet HTML 3Page - OKI electronic componets ML63293 Datasheet HTML 4Page - OKI electronic componets ML63293 Datasheet HTML 5Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor
ML63293
Preliminary Ver.1.1
Feb.10,1999
3 of 5
· Multiplier / divider circuits
Multiplier
: ( 8 bits )
× ( 8 bits ) → Product ( 16bits )
Divider
: ( 16 bits )
/ ( 8 bits ) → Quotient ( 16bits ), Remainder ( 8 bits )
· System reset function
System reset by RESET pin
System reset by power-on detection
System reset by detection that low-speed clock has stopped oscillation
· Battery check
Function that detects battery low voltage
Selection of judgment voltage by software ( LD1 and LD0 bit settings of BLDCON )
LD1
LD0
Judgement voltage ( V )
Comments
1
0
1.80
± 0.10
Ta=25
°C
1
1
2.40
± 0.10
Ta=25
°C
· Timers and Counter
8-bit timer
: 4 channels
Selectable as auto-reload mode, capture mode,
clock frequency measurement mode
Watchdog timer
: 1 channel
100Hz timer
: 1 channels
1/100 sec. Measurement possible
15-bit time-base counter
: 1Hz, 2Hz, 4Hz, 8Hz, 16Hz, 32Hz, 64Hz, and 128Hz
signals
can be read
· Serial port
Mode
: Selectable as UART mode, synchronous mode
UART communication speed
: 1200 bps, 2400 bps, 4800 bps, 9600bps
Clock frequency in synchronous mode :
Internal clock mode (32.768kHz ), External clock frequency
Data length
: 5 to 8 bits
· Shift register
Shift clock
: System clock
× 1, × 1/2,
Timer 1 overflow ( 16-bit timer mode ), External clock
Data length
: 8 bits
· Interrupt sources
External interrupt
: 5
Internal interrupt
: 14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com