Electronic Components Datasheet Search
  English  ▼

X  

FDPC8016S Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDPC8016S
Description  MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8016S Datasheet(HTML) 4 Page - ON Semiconductor

  FDPC8016S Datasheet HTML 1Page - ON Semiconductor FDPC8016S Datasheet HTML 2Page - ON Semiconductor FDPC8016S Datasheet HTML 3Page - ON Semiconductor FDPC8016S Datasheet HTML 4Page - ON Semiconductor FDPC8016S Datasheet HTML 5Page - ON Semiconductor FDPC8016S Datasheet HTML 6Page - ON Semiconductor FDPC8016S Datasheet HTML 7Page - ON Semiconductor FDPC8016S Datasheet HTML 8Page - ON Semiconductor FDPC8016S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FDPC8016S
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Type
Test Conditions
Parameter
ON CHARACTERISTICS
RDS(on)
Drain to Source On Resistance
VGS = 10 V, ID = 20 A
VGS = 4.5 V, ID = 18 A
VGS = 10 V, ID = 20 A,
TJ =125°C
Q1
−
−
−
2.8
3.4
3.9
3.8
4.7
5.3
mW
VGS = 10 V, ID = 35 A
VGS = 4.5 V, ID = 32 A
VGS = 10 V, ID = 35 A ,
TJ =125°C
Q2
−
−
−
1.1
1.3
1.5
1.4
1.7
1.9
gFS
Forward Transconductance
VDS = 5 V, ID = 20 A
VDS = 5 V, ID = 35 A
Q1
Q2
−
−
182
241
−
−
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
Q1:
VDS = 13 V, VGS = 0 V,
f = 1 MHZ
Q2:
VDS = 13 V, VGS = 0 V,
f = 1 MHZ
Q1
Q2
−
−
1695
4715
2375
6600
pF
Coss
Output Capacitance
Q1
Q2
−
−
495
1195
710
1675
pF
Crss
Reverse Transfer Capacitance
Q1
Q2
−
−
54
159
100
290
pF
Rg
Gate Resistance
Q1
Q2
0.1
0.1
0.4
0.5
1.2
1.5
W
SWITCHING CHARACTERISTICS
td(on)
Turn-On Delay Time
Q1:
VDD = 13 V, ID = 20 A,
RGEN = 6 Ω
Q2:
VDD = 13 V, ID = 35 A,
RGEN = 6 Ω
Q1
Q2
−
−
8
13
16
24
ns
tr
Rise Time
Q1
Q2
−
−
2
4
10
10
ns
td(off)
Turn-Off Delay Time
Q1
Q2
−
−
24
38
38
61
ns
tf
Fall Time
Q1
Q2
−
−
2
3
10
10
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
Q1: VDD = 13 V, ID = 20 A
Q2: VDD = 13 V, ID = 35 A
Q1
Q2
−
−
25
67
35
94
nC
Qg
Total Gate Charge
VGS = 0 V to 4.5 V
Q1: VDD = 13 V, ID = 20 A
Q2: VDD = 13 V, ID = 35 A
Q1
Q2
−
−
11
31
16
44
nC
Qgs
Gate to Source Gate Charge
Q1: VDD = 13 V, ID = 20 A
Q2: VDD = 13 V, ID = 35 A
Q1
Q2
−
−
3.4
10
−
−
nC
Qgd
Gate to Drain “Miller” Charge
Q1: VDD = 13 V, ID = 20 A
Q2: VDD = 13 V, ID = 35 A
Q1
Q2
−
−
2.2
6.3
−
−
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
VSD
Source to Drain Diode Forward
Voltage
VGS =0V, IS =20A
VGS =0V, IS = 35 A (Note 2)
Q1
Q2
−
0.8
0.8
1.2
1.2
V
trr
Reverse Recovery Time
Q1:
IF = 20 A, di/dt = 100 A/μs
Q2:
IF = 35 A, di/dt = 200 A/μs
Q1
Q2
−
25
33
40
53
ns
Qrr
Reverse Recovery Charge
Q1
Q2
−
10
31
20
50
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTES:
1. RqJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 × 1.5 in. board of FR−4 material. RqCA is determined
by the user’s board design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com