Electronic Components Datasheet Search
  English  ▼

X  

FDPC8016S Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDPC8016S
Description  MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8016S Datasheet(HTML) 5 Page - ON Semiconductor

  FDPC8016S Datasheet HTML 1Page - ON Semiconductor FDPC8016S Datasheet HTML 2Page - ON Semiconductor FDPC8016S Datasheet HTML 3Page - ON Semiconductor FDPC8016S Datasheet HTML 4Page - ON Semiconductor FDPC8016S Datasheet HTML 5Page - ON Semiconductor FDPC8016S Datasheet HTML 6Page - ON Semiconductor FDPC8016S Datasheet HTML 7Page - ON Semiconductor FDPC8016S Datasheet HTML 8Page - ON Semiconductor FDPC8016S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FDPC8016S
www.onsemi.com
4
60°C/W when mounted on
a 1 in2 pad of 2 oz copper.
130°C/W when mounted on
a minimum pad of 2 oz copper.
a)
c)
55°C/W when mounted on
a 1 in2 pad of 2 oz copper.
120°C/W when mounted on
a minimum pad of 2 oz copper.
b)
d)
2. Pulse Test: Pulse Width < 300 ms, Duty cycle < 2.0%.
3. Q1:
EAS of 73 mJ is based on starting TJ = 25_C; N-ch: L = 3 mH, IAS = 7 A, VDD = 30 V, VGS = 10 V,
100% tested at L = 0.1 mH, IAS = 24 A.
Q2:
EAS of 216 mJ is based on starting TJ = 25_C; N-ch: L = 3 mH, IAS = 12 A, VDD = 25 V, VGS = 10 V,
100% tested at L = 0.1 mH, IAS = 39 A.
4. Pulsed Id limited by junction temperature, td <=10 μs. Please refer to SOA curve for more details.
5. The continuous VDS rating is 25 V; However, a pulse of 30 V peak voltage for no longer than 100 ns duration at 600 KHz frequency can be
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com