Electronic Components Datasheet Search
  English  ▼

X  

FDPC8016S Datasheet(PDF) 11 Page - ON Semiconductor

Part # FDPC8016S
Description  MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8016S Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FDPC8016S Datasheet HTML 4Page - ON Semiconductor FDPC8016S Datasheet HTML 5Page - ON Semiconductor FDPC8016S Datasheet HTML 6Page - ON Semiconductor FDPC8016S Datasheet HTML 7Page - ON Semiconductor FDPC8016S Datasheet HTML 8Page - ON Semiconductor FDPC8016S Datasheet HTML 9Page - ON Semiconductor FDPC8016S Datasheet HTML 10Page - ON Semiconductor FDPC8016S Datasheet HTML 11Page - ON Semiconductor FDPC8016S Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FDPC8016S
www.onsemi.com
10
TYPICAL CHARACTERISTICS (Q2 N-Channel)
(TJ = 25°C unless otherwise noted)
Figure 26. Junction-to-Case Transient Thermal Response Curve
10
−5
10
−4
10
−3
10
−2
10
−1
1
0.001
0.01
0.1
1
2
t, RECTANGULAR PULSE DURATION (sec)
SINGLE PULSE
DUTY CYCLE−DESCENDING ORDER
D = 0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t
1/ t2
TJ −TC= PDM x
(t)
(t) = r(t) x
= 3.0 oC/W
RθJC
ZθJC
RθJC
ZθJC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com