Electronic Components Datasheet Search
  English  ▼

X  

AMC1202DWVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202DWVR
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202DWVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC1202DWVR Datasheet HTML 5Page - Texas Instruments AMC1202DWVR Datasheet HTML 6Page - Texas Instruments AMC1202DWVR Datasheet HTML 7Page - Texas Instruments AMC1202DWVR Datasheet HTML 8Page - Texas Instruments AMC1202DWVR Datasheet HTML 9Page - Texas Instruments AMC1202DWVR Datasheet HTML 10Page - Texas Instruments AMC1202DWVR Datasheet HTML 11Page - Texas Instruments AMC1202DWVR Datasheet HTML 12Page - Texas Instruments AMC1202DWVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
6.9 Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = – 55°C to +125°C, VDD1 = 3.0 V to 5.5 V, VDD2 = 3.0 V to 5.5 V, INP
= – 50 mV to + 50 mV, and INN = GND1; typical specifications are at TA = 25°C, VDD1 = 5 V, and VDD2 = 3.3 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VDD1POR
VDD1 power-on-reset threshold
voltage
VDD1 falling
2.4
2.6
2.8
V
IDD1
High-side supply current
3.0 V ≤ VDD1 ≤ 3.6 V
6.2
8.5
mA
4.5 V ≤ VDD1 ≤ 5.5 V
7.2
9.8
IDD2
Low-side supply current
3.0 V ≤ VDD2 ≤ 3.6 V
5.3
7.2
4.5 V ≤ VDD2 ≤ 5.5 V
5.9
8.1
(1)
The typical value includes one standard deviation ("sigma") at nominal operating conditions.
(2)
This parameter is input referred.
(3)
Offset error temperature drift is calculated using the box method, as described by the following equation:
TCVOS = (ValueMAX - ValueMIN) / TempRange
(4)
Gain error temperature drift is calculated using the box method, as described by the following equation:
TCEG (ppm) = (ValueMAX - ValueMIN) / (Value(T=25℃) x TempRange) x 106
6.10 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
1.5
µs
tf
Output signal fall time
1.5
µs
VINx to VOUTx signal delay (50% – 10%)
unfiltered output
1
1.5
µs
VINx to VOUTx signal delay (50% – 50%)
unfiltered output
1.6
2.1
µs
VINx to VOUTx signal delay (50% – 90%)
unfiltered output
2.5
3
µs
tAS
Analog settling time
VDD1 step to 3.0 V with VDD2 ≥ 3.0 V, to
OUTP and OUTN valid, 0.1% settling
500
µs
6.11 Timing Diagram
INP - INN
OUTN
50% - 10%
t
f
50% - 50%
50% - 90%
OUTP
t
r
50 mV
50 mV
–
0
V
CMout
Figure 6-1. Rise, Fall, and Delay Time Waveforms
www.ti.com
AMC1202
SBASAB8 – MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com