Electronic Components Datasheet Search
  English  ▼

X  

AMC1202DWVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202DWVR
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202DWVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC1202DWVR Datasheet HTML 18Page - Texas Instruments AMC1202DWVR Datasheet HTML 19Page - Texas Instruments AMC1202DWVR Datasheet HTML 20Page - Texas Instruments AMC1202DWVR Datasheet HTML 21Page - Texas Instruments AMC1202DWVR Datasheet HTML 22Page - Texas Instruments AMC1202DWVR Datasheet HTML 23Page - Texas Instruments AMC1202DWVR Datasheet HTML 24Page - Texas Instruments AMC1202DWVR Datasheet HTML 25Page - Texas Instruments AMC1202DWVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
8.2.2.3 Differential to Single-Ended Output Conversion
Figure 8-3 shows an example of a TLV6001-based signal conversion and filter circuit for systems using single-
ended-input ADCs to convert the analog output voltage into digital. With R1 = R2 = R3 = R4, the output voltage
equals (VOUTP – VOUTN) + VREF. Tailor the bandwidth of this filter stage to the bandwidth requirement of the
system. For most applications, R1 = R2 = R3 = R4 = 3.3 kΩ and C1 = C2 = 330 pF yields good performance.
10
10
10 nF
VDD1
GND1
INP
INN
AMC1202
VDD2
OUTP
OUTN
GND2
Figure 8-3. Connecting the AMC1202 Output to a Single-Ended Input ADC
For more information on the general procedure to design the filtering and driving stages of SAR ADCs, see
the 18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest Distortion and Noise and 18-Bit Data
Acquisition Block (DAQ) Optimized for Lowest Power reference guides, available for download at www.ti.com.
8.2.3 Application Curve
One important aspect of power-stage design is the effective detection of an overcurrent condition to protect the
switching devices and passive components from damage. To power off the system quickly in the event of an
overcurrent condition, a low delay caused by the isolated amplifier is required. Step Response of the AMC1202
shows the typical full-scale step response of the AMC1202.
VOUTN
VIN
VOUTP
Figure 8-4. Step Response of the AMC1202
8.2.4 What to Do and What Not to Do
Do not leave the inputs of the AMC1202 unconnected (floating) when the device is powered up. If the device
inputs are left floating, the input bias current may drive the inputs to a positive value that exceeds the operating
common-mode input voltage and the device outputs the fail-safe voltage as described in the Analog Output
section.
Connect the high-side ground (GND1) to INN, either by a hard short or through a resistive path. A DC current
path between INN and GND1 is required to define the input common-mode voltage. Do not exceed the input
common-mode range as specified in the Recommended Operating Conditions table. For best accuracy, route
the ground connection as a separate trace that connects directly to the shunt resistor rather than shorting GND1
to INN directly at the input to the device. See the Layout section for more details.
AMC1202
SBASAB8 – MAY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com