Electronic Components Datasheet Search
  English  ▼

X  

AMC1202DWVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1202DWVR
Description  AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1202DWVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC1202DWVR Datasheet HTML 8Page - Texas Instruments AMC1202DWVR Datasheet HTML 9Page - Texas Instruments AMC1202DWVR Datasheet HTML 10Page - Texas Instruments AMC1202DWVR Datasheet HTML 11Page - Texas Instruments AMC1202DWVR Datasheet HTML 12Page - Texas Instruments AMC1202DWVR Datasheet HTML 13Page - Texas Instruments AMC1202DWVR Datasheet HTML 14Page - Texas Instruments AMC1202DWVR Datasheet HTML 15Page - Texas Instruments AMC1202DWVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
6.13 Typical Characteristics (continued)
at TA = 25°C, VDD1 = 5 V, VDD2 = 3.3 V, INP = –50 mV to 50 mV, INN = GND1, and fIN = 10 kHz (unless otherwise noted)
VCM (V)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-80
-60
-40
-20
0
20
40
60
D014
Figure 6-11. Input Bias Current vs Common-Mode Input Voltage
VDD1 (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-45
-43
-41
-39
-37
-35
-33
-31
-29
-27
D015
Figure 6-12. Input Bias Current vs High-Side Supply Voltage
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-45
-43
-41
-39
-37
-35
-33
-31
-29
-27
D016
Figure 6-13. Input Bias Current vs Temperature
VDDx (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D019
vs VDD1
vs VDD2
Figure 6-14. Gain Error vs Supply Voltage
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D020
Device 1
Device 2
Device 3
Figure 6-15. Gain Error vs Temperature
fIN (kHz)
0.01
0.1
1
10
100
1000
-40
-35
-30
-25
-20
-15
-10
-5
0
5
D023
Figure 6-16. Normalized Gain vs Input Frequency
AMC1202
SBASAB8 – MAY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC1202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com