Electronic Components Datasheet Search
  English  ▼

X  

MSM60804 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM60804
Description  PCMCIA Host Adapter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM60804 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM60804 Datasheet HTML 17Page - OKI electronic componets MSM60804 Datasheet HTML 18Page - OKI electronic componets MSM60804 Datasheet HTML 19Page - OKI electronic componets MSM60804 Datasheet HTML 20Page - OKI electronic componets MSM60804 Datasheet HTML 21Page - OKI electronic componets MSM60804 Datasheet HTML 22Page - OKI electronic componets MSM60804 Datasheet HTML 23Page - OKI electronic componets MSM60804 Datasheet HTML 24Page - OKI electronic componets MSM60804 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
18/50
MSM60804
¡ Semiconductor
FUNCTIONAL DESCRIPTION
The MSM60804 offers PC card interface which is functionally compatible to the Intel SE82365SL.
The MSM60804 supports the ISA on its system interface side and function to control 2 slots of
the PCMCIA2.1 or JEIDA.2 on its card interface side. For details of pins and registers, see "Pin
Description" and "Register Description".
Power Control
• The MSM60804 supplies 5 V or 3 V power to the PCIC core and to the interface buffer on the
system side.
• This power is supplied through the VCCISA and VCCCORE pins.
• The VCCISA voltage must be equal to the VCCCORE voltage.
• The interface buffer on the system side supports 5 V or 3 V CMOS and 5 V or 3 V TTL interface
levels.
• The levels are selected by the ISAPWR signal.
• Power supply voltage to the interface buffer on the card side is selected to each slot from either
5 V or 3 V according to the rated voltage of the PC card inserted into each slot.
• Power is supplied to the interface buffer on the card side through the VCCA and VCCB pins.
• Voltages supplied to VCCA and VCCB and voltages supplied to slots are determined by
controlling the external power supply circuit by VCCEN0 and VCCEN1.
• The VCCEV0 and VCCEN1 outputs are determined by the voltage control registers (+17h and
+57h).
• The voltage of VPP power supplied to card slots are determined by controlling the external
supply by the V10 and V11 pins.
• The V10 and V11 outputs are determined by the power control registers (+02h and +42h).
Memory Access
• The memory address space of the PC card supports both attribute memory and common
memory (maximum 64M bytes each).
• Attribute memory or common memory is selected by the REG signal.
• The REG signal output is determined by the following two registers:
Interrupt and General-Purpose Register (+03h or +43h)
Card Memory Offset Address # High Byte Register
• Accessing to the memory space of the PC card is made through the Memory Address Mapping
window.
• The Memory Address Mapping window allocates the following three addresses as shown
below:
System memory mapping start address
System memory mapping offset address
Card memory offset address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com