Electronic Components Datasheet Search
  English  ▼

X  

MSM60804 Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM60804
Description  PCMCIA Host Adapter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM60804 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM60804 Datasheet HTML 35Page - OKI electronic componets MSM60804 Datasheet HTML 36Page - OKI electronic componets MSM60804 Datasheet HTML 37Page - OKI electronic componets MSM60804 Datasheet HTML 38Page - OKI electronic componets MSM60804 Datasheet HTML 39Page - OKI electronic componets MSM60804 Datasheet HTML 40Page - OKI electronic componets MSM60804 Datasheet HTML 41Page - OKI electronic componets MSM60804 Datasheet HTML 42Page - OKI electronic componets MSM60804 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
36/50
MSM60804
¡ Semiconductor
I/O Control Register
The I/O Control Register is shown below. The bits are defined below.
D7 D6 D5 D4 D3 D2 D1 D0
Slot A : Index value (base+07h)
Slot B : Index value (base+47h)
I/O Window 0 Data Size
I/O Window 0
IC16 source
I/O Window 0 Zero_ws
I/O Window 0 WAIT State
I/O Window 1 Data Size
I/O Window 1
IC16 source
I/O Window 1 Zero_ws
I/O Window 1 WAIT State
I/O Control Register (Read/Write)
I/O Control Register Description
Bits
Description
Bit 7/Bit 3
Bit 6/Bit 2
Bit 5/Bit 1
Bit 4/Bit 0
I/O Window 1 WAIT State/ I/O Window 0 WAIT State. When these bits are set to "1" and a 16-bit I/O
access is carried out, an IRDY signal is made low for 1 SCLK cycle as a 1 wait request. It is invalid in
8-bit I/O access.
I/O Window 1 Zero wait state I/O Window 0 Zero wait state. When these bits are set to "1" and an
8-bit I/O access is carried out, NWS signal is effective.
I/O Window
IC16 Source I/O Window 0 IC16 Source. When these bits are set to "1", an IC16 signal is
generated from an
IOIS16 signal:when these bits are set to "0", an IC16 signal is generated from bit 4/bit 0.
I/O Window 1 Data Size I/O Window 0 Data Size. When these bits are set to "1", a 16-bit access is
enabled: when these bits are set to "0", an 8-bit access is enabled.
CE1, CE2 and Output Control
bit 1, 5
bit 0, 4
IOIS16
SBHE
A0
IS16
CE2
CE1
01
¥
00
0
0
0
01
¥
01
0
0
1
01
¥
1
¥
0
1
0
00
¥¥¥
1
1
0
1
¥
000
0
0
0
1
¥
001
0
0
1
1
¥
01
¥
0
1
0
1
¥
1
¥¥
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com