Electronic Components Datasheet Search
  English  ▼

X  

MSM60804 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM60804
Description  PCMCIA Host Adapter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM60804 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM60804 Datasheet HTML 9Page - OKI electronic componets MSM60804 Datasheet HTML 10Page - OKI electronic componets MSM60804 Datasheet HTML 11Page - OKI electronic componets MSM60804 Datasheet HTML 12Page - OKI electronic componets MSM60804 Datasheet HTML 13Page - OKI electronic componets MSM60804 Datasheet HTML 14Page - OKI electronic componets MSM60804 Datasheet HTML 15Page - OKI electronic componets MSM60804 Datasheet HTML 16Page - OKI electronic componets MSM60804 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
10/50
MSM60804
¡ Semiconductor
TO: Tristate
OD: Open Drain
PU: Pull Up
PW: Power Supply or GRD Pins.
Note: The above drive current values are for 5 V interface. The drive current values for 3 V
interface are half of the above values.
The MSM60804 does not support the INPAK signal of the PCMCIA.
Symbol
I/O
Description
O8
AVCCEN0
AVCCEN1
BVCCEN0
BVCCEN1
AV10, AV11
VB10, VB11
16
PW
3
VCCISA
VCCCORE
—
VCCA, VCCB
—
GND
—
System interface pins: 66
Card interface pins (per slot): 59
Card power supply pins (per slot): 4
Power supply pins: 16
Total number of pins: 208
PW
4
PW
9
Card Power Supply Control and Power Supply Pins
Power Supply Control
These pins control power supplied to the PC cards and power to
the buffer in the card interface of the PCIC. Their values are set
by registers.
System Interface Buffer / Core Power Supply
These pins supply power to the buffer and the core on the system
interface side. VCCISA and VCCCORE voltages must be equal.
Card Interface Buffer Power Supply
These pins supply power (of the same voltage as that of power
supplied to the card slot) to the buffer on the card interface side.
Ground
Drive
Current
(mA)
Pin
Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com