Electronic Components Datasheet Search
  English  ▼

X  

MSM60808 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM60808
Description  PCI to PCMCIA R2.1/CardBus Controller (PPCC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM60808 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM60808 Datasheet HTML 17Page - OKI electronic componets MSM60808 Datasheet HTML 18Page - OKI electronic componets MSM60808 Datasheet HTML 19Page - OKI electronic componets MSM60808 Datasheet HTML 20Page - OKI electronic componets MSM60808 Datasheet HTML 21Page - OKI electronic componets MSM60808 Datasheet HTML 22Page - OKI electronic componets MSM60808 Datasheet HTML 23Page - OKI electronic componets MSM60808 Datasheet HTML 24Page - OKI electronic componets MSM60808 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
21
¡ Semiconductor
MSM60808
4.3 CardBus Interface Signals
Table 4.2 CardBus Interface Signals
Signal Name
I/O
CardBus clock signal. All CardBus signals except CRST#, CCLKRUN#, CINT#,
CSTSCHG, CAUDIO, CCD1#, CCD2#, CVS1#, and CVS2# are synchronized to the
rising edge of CCLK. The CardBus clock is 33 MHz, but the clock can also be stopped
by driving it low.
CardBus address/data bus signals. Address and data are multiplexed on the same
pins. During the first clock of a transaction CAD[31:0] carry a physical address
(32 bits). During the following clocks CAD[31:0] carry data.
Command and byte enable signals. During the address phase of a transaction
CC/BE#[3:0] define the bus command. During the data phase CC/BE#[3:0] are used
as byte enables.
CardBus cycle frame signal. CFRAME# is driven by the master to indicate the start
and duration of a bus cycle. CFRAME# is asserted to indicate the start of a bus cycle.
Bus cycles continue while CFRAME# stays asserted. CFRAME# is deasserted to
indicate that the next data phase is the final data phase.
CardBus device select signal. When the MSM60808 is the target, it will respond to
bus cycles where CDEVSEL# is asserted. When the MSM60808 is the master, it
monitors CDEVSEL# to determine whether or not the target has responded.
Description
CCLK
OUT
CAD[31:0]
T/S
CFRAME#
S/T/S
CDEVSEL#
S/T/S
CardBus clock run signal. A CardBus card asserts CCLKRUN# to request the
MSM60808 clock. The MSM60808 asserts CCLKRUN# while it outputs the clock,
and puts the pin in high impedance if it stops the clock.
CCLKRUN#
T/S
CardBus reset signal. CRST# operates asynchronously to CCLK.
CRST#
OUT
CC/BE#[3:0]
T/S
CardBus parity signal. CPAR provides even parity across CAD[31:0] and CC/BE#[3:0].
Address parity is driven by the master that started the bus cycle one clock after the
address phase. In the data phase, the master calculates parity and drives CPAR for
write cycles, and the target does so for read cycles. Just like the address phase, in the
data phase parity for data is output delayed by one clock.
CPAR
T/S
CardBus initiator ready signal. CIRDY# indicates that the master is ready to perform a
transfer. CIRDY# is used in conjunction with CTRDY#. Data transfers are timed to
execute when both CIRDY# and CTRDY# are asserted. During write cycles CIRDY#
indicates that valid data is on CAD[31:0]. During read cycles CIRDY# indicates that
the device is ready to accept read data. Wait cycles are inserted until both CIRDY#
and CTRDY# are asserted together.
CIRDY#
S/T/S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com