Electronic Components Datasheet Search
  English  ▼

X  

MSM60808 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM60808
Description  PCI to PCMCIA R2.1/CardBus Controller (PPCC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM60808 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM60808 Datasheet HTML 9Page - OKI electronic componets MSM60808 Datasheet HTML 10Page - OKI electronic componets MSM60808 Datasheet HTML 11Page - OKI electronic componets MSM60808 Datasheet HTML 12Page - OKI electronic componets MSM60808 Datasheet HTML 13Page - OKI electronic componets MSM60808 Datasheet HTML 14Page - OKI electronic componets MSM60808 Datasheet HTML 15Page - OKI electronic componets MSM60808 Datasheet HTML 16Page - OKI electronic componets MSM60808 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
13
¡ Semiconductor
MSM60808
1.9 Socket Power Control
The MSM60808 has functions to control power. It performs socket power control through its internal
SocketPresentRegister(PRESENT),SocketControlRegister(CONTROL),CCD#[2:1],andCVS[2:1].
Power-up of both 16-bit cards and CardBus cards is done after card detection by software reading
the PRESENT register and writing the contents to the CONTROL register. The MSM60808 uses the
contents to output signals directly to the TI TPS2202AI, a socket power control IC.
The TI TPS2202AI has three control lines (clock, data, latch) with which MSM60808 performs serial
data transfers. Transfer speed is the clock from dividing the PCI bus clock by 16. Figure 1.5 and Table
1.5 show the serial data transfer protocol and contents. For details on the TI TPS2202AI, please refer
to the TI TPS2202AI data sheet.
When PCIRST# is generated, register power is reset, prompting power-down. Power-down is
performed automatically, without software writes to registers. For card removal power-down, data
will be transferred only to the socket from which the card was removed. However, when reset by
PCIRST#, the D8 bit (shutdown bit) will output low and both sockets will power down (at other times
the D8 bit will always output high).
Clock
Data
Latch
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 1.5 Control Output Signals For Power Control IC
Table 1.5 Control Output Signals For Power Control IC
Socket B
Socket A
SHDN
VCC
D7
D6
VPP
D5
D4
VPP
D3
D2
VCC
D1
D0
1
0V
1
1
Hi-Z
1
1
0V
1
1
Hi-Z
1
1
1
5V
1
0
12V
1
0
5V
1
0
12V
1
0
1
3.3V
0
1
VCC
0
1
3.3V
0
1
VCC
0
1
1
0V0
0
0V
0
0
0V0
00V0
0
0
X
XXXXX
XXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com