Electronic Components Datasheet Search
  English  ▼

X  

DLPC3421 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 50 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 46Page - Texas Instruments DLPC3421 Datasheet HTML 47Page - Texas Instruments DLPC3421 Datasheet HTML 48Page - Texas Instruments DLPC3421 Datasheet HTML 49Page - Texas Instruments DLPC3421 Datasheet HTML 50Page - Texas Instruments DLPC3421 Datasheet HTML 51Page - Texas Instruments DLPC3421 Datasheet HTML 52Page - Texas Instruments DLPC3421 Datasheet HTML 53Page - Texas Instruments DLPC3421 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
10.1.2 Reference Clock Layout
The DLPC34xx controller requires an external reference clock to feed the internal PLL. Use either a crystal or
oscillator to supply this reference. The DLPC34xx reference clock must not exceed a frequency variation of ±200
ppm (including aging, temperature, and trim component variation).
Figure 10-2 shows the required discrete components when using a crystal.
PLL_REFCLK_I
PLL_REFCLK_O
RFB
RS
CL1
CL2
Crystal
CL = Crystal load capacitance (farads)
CL1 = 2 × (CL – Cstray_pll_refclk_i)
CL2 = 2 × (CL – Cstray_pll_refclk_o)
where:
•
Cstray_pll_refclk_i = Sum of package and PCB stray capacitance at the crystal pin associated with the controller pin pll_refclk_i.
•
Cstray_pll_refclk_o = Sum of package and PCB stray capacitance at the crystal pin associated with the controller pin pll_refclk_o.
Figure 10-2. Required Discrete Components
10.1.2.1 Recommended Crystal Oscillator Configuration
Table 10-1. Crystal Port Characteristics
PARAMETER
NOM
UNIT
PLL_REFCLK_I TO GND capacitance
1.5
pF
PLL_REFCLK_O TO GND capacitance
1.5
pF
Table 10-2. Recommended Crystal Configuration
PARAMETER (1) (2)
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (first harmonic)
Crystal nominal frequency
24
MHz
Crystal frequency tolerance (including accuracy, temperature, aging and trim sensitivity) ±200
PPM
Maximum startup time
1.0
ms
Crystal equivalent series resistance (ESR)
120 (max)
Ω
Crystal load
6
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1
MΩ
CL1 external crystal load capacitor
See equation in Figure 10-2 notes
pF
CL2 external crystal load capacitor
See equation in Figure 10-2 notes
pF
PCB layout
A ground isolation ring around the
crystal is recommended
(1)
Temperature range of –30°C to 85°C.
(2)
The crystal bias is determined by the controllers VCC_INTF voltage rail, which is variable (not the VCC18 rail).
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
50
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com