Electronic Components Datasheet Search
  English  ▼

X  

DLPC3421 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 56 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 52Page - Texas Instruments DLPC3421 Datasheet HTML 53Page - Texas Instruments DLPC3421 Datasheet HTML 54Page - Texas Instruments DLPC3421 Datasheet HTML 55Page - Texas Instruments DLPC3421 Datasheet HTML 56Page - Texas Instruments DLPC3421 Datasheet HTML 57Page - Texas Instruments DLPC3421 Datasheet HTML 58Page - Texas Instruments DLPC3421 Datasheet HTML 59Page - Texas Instruments DLPC3421 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
10.1.9 Routing Vias
• The number of vias on DMD_HS signals must be minimized and ideally not exceed two.
• Any and all vias on DMD_HS signals must be located as close to the controller as possible.
• The number of vias on the DMD_LS_CLK and DMD_LS_WDATA signals must be minimized and ideally not
exceed two.
• Any and all vias on the DMD_LS_CLK and DMD_LS_WDATA signals must be located as close to the
controller as possible.
10.1.10 Thermal Considerations
The underlying thermal limitation for the DLPC34xx controller is that the maximum operating junction
temperature (TJ) not be exceeded (this is defined in the Recommended Operating Conditions section).
Some factors that influence TJ are as follows:
• operating ambient temperature
• airflow
• PCB design (including the component layout density and the amount of copper used)
• power dissipation of the DLPC34xx controller
• power dissipation of surrounding components
The controller package is designed to primarily extract heat through the power and ground planes of the PCB.
Thus, copper content and airflow over the PCB are important factors.
The recommends maximum operating ambient temperature (TA) is provided primarily as a design target and is
based on maximum DLPC34xx controller power dissipation and RθJA at 0 m/s of forced airflow, where RθJA is the
thermal resistance of the package as measured using a JEDEC defined standard test PCB with two, 1-oz power
planes. This JEDEC test PCB is not necessarily representative of the DLPC34xx controller PCB, so the reported
thermal resistance may not be accurate in the actual product application. Although the actual thermal resistance
may be different, it is the best information available during the design phase to estimate thermal performance.
TI highly recommended that thermal performance be measured and validated after the PCB is designed and the
application is built.
To evaluate the thermal performance, measure the top center case temperature under the worse case product
scenario (maximum power dissipation, maximum voltage, maximum ambient temperature), and validate the
controller does not exceed the maximum recommended case temperature (TC). This specification is based on
the measured φJT for the DLPC34xx controller package and provides a relatively accurate correlation to junction
temperature.
Take care when measuring this case temperature to prevent accidental cooling of the package surface. TI
recommends a small (approximately 40 gauge) thermocouple. Place the bead and thermocouple wire so that
they contact the top of the package. Cover the bead and thermocouple wire with a minimal amount of thermally
conductive epoxy. Route the wires closely along the package and the board surface to avoid cooling the bead
through the wires.
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
56
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com