Electronic Components Datasheet Search
  English  ▼

X  

DLPC3421 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3421
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3421 Datasheet(HTML) 51 Page - Texas Instruments

Back Button DLPC3421 Datasheet HTML 47Page - Texas Instruments DLPC3421 Datasheet HTML 48Page - Texas Instruments DLPC3421 Datasheet HTML 49Page - Texas Instruments DLPC3421 Datasheet HTML 50Page - Texas Instruments DLPC3421 Datasheet HTML 51Page - Texas Instruments DLPC3421 Datasheet HTML 52Page - Texas Instruments DLPC3421 Datasheet HTML 53Page - Texas Instruments DLPC3421 Datasheet HTML 54Page - Texas Instruments DLPC3421 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
If an external oscillator is used, then the oscillator output must drive the PLL_REFCLK_I pin on the DLPC34xx
controller, and the PLL_REFCLK_O pin must be left unconnected.
Table 10-3. Recommended Crystal Parts
MANUFACTURER
(1) (2)
PART NUMBER
SPEED
(MHz)
TEMPERATURE
AND AGING
(ppm)
MAXIMUM
ESR (Ω)
LOAD
CAPACITANCE
(pF)
PACKAGE
DIMENSIONS
(mm)
KDS
DSX211G-24.000M-8pF-50-50
24
±50
120
8
2.0 × 1.6
Murata
XRCGB24M000F0L11R0
24
±100
120
6
2.0 × 1.6
NDK
NX2016SA 24M
EXS00A-CS05733
24
±145
120
6
2.0 × 1.6
(1)
The crystal devices in this table have been validated to work with the DLPC34xx controller. Other devices may also be compatible but
have not necessarily been validated by TI.
(2)
Operating temperature range: –30°C to 85°C for all crystals.
www.ti.com
DLPC3421
DLPS231 – OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com