Electronic Components Datasheet Search
  English  ▼

X  

INA823 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA823
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA823 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA823 Datasheet HTML 2Page - Texas Instruments INA823 Datasheet HTML 3Page - Texas Instruments INA823 Datasheet HTML 4Page - Texas Instruments INA823 Datasheet HTML 5Page - Texas Instruments INA823 Datasheet HTML 6Page - Texas Instruments INA823 Datasheet HTML 7Page - Texas Instruments INA823 Datasheet HTML 8Page - Texas Instruments INA823 Datasheet HTML 9Page - Texas Instruments INA823 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN
G
Gain equation
1 + (100 kΩ / RG)
V/V
Range of gain
1
1000
V/V
GE
Gain error
G = 1, VO = ±10 V
±0.01
±0.05
%
G = 10, VO = ±10 V
±0.025
±0.15
G = 100, VO = ±10 V
±0.025
±0.15
G = 1000, VO = ±10 V
±0.05
±0.15
Gain drift(5)
G = 1, TA = –40°C to +125°C
±5
ppm/°C
G > 1, TA = –40°C to +125°C
±35
Gain nonlinearity
G = 1 to 10
2
10
ppm
G = 100
15
G = 1000
10
G = 1 to 100, RL = 2 kΩ
30
OUTPUT
Output voltage swing
(–VS) + 0.15
(+VS) – 0.15
V
Load capacitance
Stable operation
1000
pF
ZO
Open-loop output impedance f = 1 MHz
See Open-Loop Output Impedance vs
Frequency
Ω
ISC
Short-circuit current
Continuous to VS / 2
±16
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 1
1.9
MHz
G = 10
0.35
MHz
G = 100
0.06
G = 1000
0.006
SR
Slew rate
G = 1, VO = ±10 V
1
V/µs
tS
Settling time
To 0.01%
G = 1 to 10, VSTEP = 10 V
12
µs
G = 100, VSTEP = 10 V
28
G = 1000, VSTEP = 10 V
260
To 0.001%
G = 1 to 10, VSTEP = 10 V
14
G = 100, VSTEP = 10 V
33
G = 1000, VSTEP = 10 V
290
REFERENCE INPUT
RIN
Input impedance
100
kΩ
Reference input voltage
(–VS)
(+VS)
V
Gain to output
1
V/V
Reference gain error
inside the output voltage swing
0.01
0.05
%
POWER SUPPLY
IQ
Quiescent current
VIN = 0 V
180
250
µA
TA = –40°C to +125°C
300
(1)
Total offset, referred-to-input (RTI): VOS = (VOSI) + (VOSO / G).
(2)
Specified by characterization.
(3)
Offset drifts are uncorrelated. Input-referred offset drift is calculated using: ΔVOS(RTI) = √[ΔVOSI 2 + (ΔVOSO / G)2].
(4)
Input voltage range of the instrumentation amplifier input stage. The input range depends on the common-mode voltage, differential
voltage, gain, and reference voltage. See Typical Characteristic curves for more information.
(5)
The values specified for G > 1 do not include the effects of the external gain-setting resistor, RG.
(6)
Total RTI voltage noise is equal to: eN(RTI) = √[eNI 2 + (eNO / G)2].
(7)
One input grounded, G = 1.
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com