Electronic Components Datasheet Search
  English  ▼

X  

INA823 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA823
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA823 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA823 Datasheet HTML 15Page - Texas Instruments INA823 Datasheet HTML 16Page - Texas Instruments INA823 Datasheet HTML 17Page - Texas Instruments INA823 Datasheet HTML 18Page - Texas Instruments INA823 Datasheet HTML 19Page - Texas Instruments INA823 Datasheet HTML 20Page - Texas Instruments INA823 Datasheet HTML 21Page - Texas Instruments INA823 Datasheet HTML 22Page - Texas Instruments INA823 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
9.2 Typical Applications
9.2.1 Resistive-Bridge Pressure Sensor
The INA823 is an integrated instrumentation amplifier that measures small differential voltages while
simultaneously rejecting larger common-mode voltages. The device offers a low power consumption of 250
µA (max) and high precision, thus minimizing errors with voltage offset, offset drift and gain error.
The device is designed for portable applications where sensors measure physical parameters, such as changes
in fluid, pressure, temperature, or humidity. An example of a pressure sensor used in the medical sector is in
portable infusion pumps or dialysis machines.
The pressure sensor is made of a piezo-resistive element that can be derived as a classical 4-resistor
Wheatstone bridge.
Occlusion (infusion of fluids, medication, or nutrients) happens only in one direction, and therefore can only
cause the resistive element (R) to expand. This expansion causes a change in voltage on one leg of the
Wheatstone bridge, which induces a differential voltage VDIFF.
Figure 9-2 showcases an exemplary circuit for an occlusion pressure sensor application, as required in infusion
pumps. When blockage (occlusion) occurs against a set-point value, the tubing depresses, thus causing the
piezo-resistive element to expand (Node AD: R + ΔR). The signal chain connected to the bridge downstream
processes the pressure change and can trigger an alarm.
GND
+
–
RG
INA823
VOUT
VREF
VEXT = +5 V
0.1 F
VDIFF
ADC
Pressure
occlusion
sensor
µC
A
B
C
D
REF5050
1 F
VSS = +5 V
1 F
R9
R8
Figure 9-2. Resistive-Bridge Pressure Sensor
Low-tolerance bridge resistors must be used to minimize the offset and gain errors.
Given that there is only a positive differential voltage applied, this circuit is laid out in single-ended supply
mode. The excitation voltage, VEXT, to the bridge must be precise and stable; otherwise, measurement error is
introduced.
The REF5050 is a low-noise, low-drift (3 ppm/C), and high-precision (0.05%) voltage reference that is an
excellent option to generate the excitation voltage VEXT.
The following subsections give the design requirements and detailed design procedure for an application with a
occlusion pressure sensor.
For more information and design tips to consider when using a resistive-bride pressure sensor, see the Design
tips for a resistive-bridge pressure sensor in industrial process-control systems analog applications journal.
www.ti.com
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com