Electronic Components Datasheet Search
  English  ▼

X  

INA823 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA823
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA823 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA823 Datasheet HTML 13Page - Texas Instruments INA823 Datasheet HTML 14Page - Texas Instruments INA823 Datasheet HTML 15Page - Texas Instruments INA823 Datasheet HTML 16Page - Texas Instruments INA823 Datasheet HTML 17Page - Texas Instruments INA823 Datasheet HTML 18Page - Texas Instruments INA823 Datasheet HTML 19Page - Texas Instruments INA823 Datasheet HTML 20Page - Texas Instruments INA823 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
transistors. The matched PNP transistors, Q1 and Q2, shift the input voltages of both inputs up by a diode drop,
and (through the feedback network) shift the output of A1 and A2 by approximately 0.6 V. The output of A1 and
A2 is well within the linear range when the inputs are within the single supply ground. When inputs are within the
supply ground, differential measurements can be made at the ground level. As a result of this input level-shifting,
the voltages at pin 1 and pin 8 are not equal to the respective input pin voltages. For most applications, this
inequality is not important because only the gain-setting resistor connects to these pins.
8.3.3 Input Protection
The inputs of the INA823 device are individually protected for voltages up to ±60 V and for short transients up
to ±80 V. For example, a condition of –60 V on one input and +60 V on the other input does not cause damage.
Internal circuitry on each input provides low series impedance under normal signal conditions. If the input is
overloaded, the protection circuitry limits the input current to a value of approximately 4 mA.
+VS
-VS
Overvoltage
Protection
IN
Input Transistor
+V
-V
+
–
Input Voltage
Source
ZD1
ZD2
Figure 8-6. Input Current Path During an Overvoltage Condition
During an input overvoltage condition, current flows through the input protection diodes into the power supplies,
as shown in Figure 8-6. If the power supplies are unable to sink current, then Zener diode clamps (ZD1 and ZD2
in Figure 8-6) must be placed on the power supplies to provide a current pathway to ground. Figure 8-7 shows
the input current for input voltages from –80 V to +80 V when the INA823 is powered by ±15-V supplies.
Figure 8-7. Input Current vs Input Overvoltage
8.4 Device Functional Modes
The INA823 has a single functional mode and is operational when the power supply voltage is greater than 2.7 V
(±1.35 V). The maximum power-supply voltage for the INA823 is 36 V (±18 V).
www.ti.com
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com