Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA828
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA828 Datasheet(HTML) 5 Page - Texas Instruments

  INA828 Datasheet HTML 1Page - Texas Instruments INA828 Datasheet HTML 2Page - Texas Instruments INA828 Datasheet HTML 3Page - Texas Instruments INA828 Datasheet HTML 4Page - Texas Instruments INA828 Datasheet HTML 5Page - Texas Instruments INA828 Datasheet HTML 6Page - Texas Instruments INA828 Datasheet HTML 7Page - Texas Instruments INA828 Datasheet HTML 8Page - Texas Instruments INA828 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
7.5 Electrical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOSI
Input stage offset voltage(1) (3)
TA = 25°C
40
100
µV
TA = –40°C to +125°C(2)
190
0.2
1.2
µV/°C
VOSO
Output stage offset voltage(1)
(3)
TA = 25°C
50
450
µV
TA = –40°C to +125°C(2)
850
1
5
µV/°C
PSRR
Power-supply rejection ratio
G = 1, RTI
100
124
dB
G = 10, RTI
115
130
G = 100, RTI
120
140
G = 1000, RTI
120
140
ZIN
Input impedance
15 || 8.5
GΩ || pF
RFI filter, –3-dB frequency
20
MHz
VCM
Operating input voltage(4) (7)
VS = 2.7 V to 36 V
(–VS) – 0.15
(+VS) – 1
V
VS = ±1.35 V to ±18 V, TA = –40°C to +125°C
See Input Common-Mode Voltage vs Output
Voltage
Input overvoltage
TA = –40°C to +125°C(2)
±40
V
CMRR
Common-mode rejection ratio
At dc to 60 Hz, RTI, VCM = (V–) –0.15 V to (V+) – 1 V,
G = 1
84
95
dB
At dc to 60 Hz, RTI, VCM = (V–) –0.15 V to (V+) – 1 V,
G = 10
104
115
At dc to 60 Hz, RTI, VCM = (V–) –0.15 V to (V+) – 1 V,
G > 100
120
130
BIAS CURRENT
IB
Input bias current
VCM = VS / 2
1.2
10
nA
Input bias current drift
TA = –40°C to +125°C
15
pA/°C
IOS
Input offset current
VCM = VS / 2
0.4
5
nA
Input offset current drift
TA = –40°C to +125°C
10
pA/°C
NOISE VOLTAGE
eNI
Input stage voltage noise
density(6)
f = 1 kHz, G = 1000, RS = 0 Ω
21
nV/√Hz
Input stage voltage noise(6)
fB = 0.1 Hz to 10 Hz, G = 1000, RS = 0 Ω
0.4
µVPP
eNO
Output stage voltage noise
density(6)
f = 1 kHz, RS = 0 Ω
120
nV/√Hz
Output stage voltage noise(6)
fB = 0.1 Hz to 10 Hz, RS = 0 Ω
5
µVPP
in
Current noise density
f = 1 kHz
200
fA/√Hz
Current noise
fB = 0.1 Hz to 10 Hz, G = 100
10
pAPP
www.ti.com
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com