Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA828
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA828 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA828 Datasheet HTML 10Page - Texas Instruments INA828 Datasheet HTML 11Page - Texas Instruments INA828 Datasheet HTML 12Page - Texas Instruments INA828 Datasheet HTML 13Page - Texas Instruments INA828 Datasheet HTML 14Page - Texas Instruments INA828 Datasheet HTML 15Page - Texas Instruments INA828 Datasheet HTML 16Page - Texas Instruments INA828 Datasheet HTML 17Page - Texas Instruments INA828 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
8 Detailed Description
8.1 Overview
The INA823 is a monolithic precision instrumentation amplifier that incorporates a current-feedback input stage
and a four-resistor difference-amplifier output stage. One of the features of an instrumentation amplifier (IA)
is that the gain is set by placing an external resistor across the RG pins, as described in Section 8.3.1. The
three-op-amp IA topology in the INA823 limits the maximum input voltage applied to the input terminal. The
maximum input voltage depends on the common-mode voltage, differential voltage, gain, and the reference
voltage; for more information, see Section 8.3.2. The INA823 also features protection at each input by two
junction field-effect transistors (JFETs) that provide a low series resistance under normal signal conditions,
and preserve excellent noise performance. When excessive voltage is applied, these transistors limit the input
current, as described in Section 8.3.3.
The INA823 is developed for medical-sector applications such as infusion pumps (see Section 9.2.1), and
industrial applications such as programmable logic controllers (see Section 9.2.2)
The functional block diagram in the next section shows how the INA823 operates. A differential input voltage is
buffered by the input transistors, Q1 and Q2, and is forced across RG; thus, a signal current is caused through
RG, R1, and R2. The output difference amplifier, A3, removes the common-mode component of the input signal
and refers the output signal to the REF pin. The threshold voltage of Q1 and Q2 (defined as VBE) along with the
voltage drop across R1 and R2 produce output voltages on A1 and A2, respectively, that are approximately 0.8 V
less than the input voltages.
8.2 Functional Block Diagram
R1
50 k
RB
VB
+VS
VS
+VS
VS
+VS
VS
+VS
VS
+VS
VS
PNP
Input
RG
(External)
+VS
VS
Overvoltage
Protection
Overvoltage
Protection
RB
IN
+IN
REF
OUT
Q1
Q2
A1
A2
A3
+VS
IB Cancellation
IB Cancellation
R2
50 k
50 k
50 k
50 k
50 k
RG
RG
PNP
Input
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com