Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA828
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA828 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA828 Datasheet HTML 18Page - Texas Instruments INA828 Datasheet HTML 19Page - Texas Instruments INA828 Datasheet HTML 20Page - Texas Instruments INA828 Datasheet HTML 21Page - Texas Instruments INA828 Datasheet HTML 22Page - Texas Instruments INA828 Datasheet HTML 23Page - Texas Instruments INA828 Datasheet HTML 24Page - Texas Instruments INA828 Datasheet HTML 25Page - Texas Instruments INA828 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
9.2.2 Supporting High-Voltage Common-Mode in PLC Input Modules
Figure 9-5 showcases a high common-mode voltage circuit that is commonly required for programmable logic
controller (PLC) analog input modules. This circuit uses a resistive scaling network in front of the IA.
RG
INA823
VOUT
VREF
0.1 μF
ADC
+15 V
+5 V
750 k
750 k
47 nF
47 nF
33.2 k
+
–
+
–
+
+
V
CM
V
DIFF / 2
V
DIFF / 2
R
i
R
i'
R
f'
R
f
C
f
C
f'
─ 15 V
0.1 μF
Figure 9-5. High Common-Mode Voltage PLC Input Module
For a detailed description of the passive scaling approach and more, see the Supporting High-Voltage Common
Mode Using Instrumentation Amplifier application brief.
9.2.2.1 Design Requirements
Table 9-2 lists the requirements for this design example.
Table 9-2. Design Parameters
PARAMETER
VALUE
Supply voltage
±15 V
Common-mode voltage
+36 V / –43 V
Input differential signal
1 V
Gain VOUT/VDIFF
1 V/V
Minimum dc CMRR
65 dB
9.2.2.2 Detailed Design Procedure
The gain of the IA is calculated so that the circuit operates at unity gain, where VOUT = VDIFF.
The single-ended input impedance, Rin(SE), of the circuit is the sum of the scaling resistors (Rf + Ri). To
minimize the error that is caused by the tolerance of the scaling resistors, keep Rin > 1 MΩ.
Ideally, choose the resistors so that Rf / Ri = Rf' / Ri'. In the real world, designers have to trade off between
the mismatch of ratios that degrades the common-mode rejection ratio (CMRR) and the acceptable cost for the
design.
The following text describe how to estimate the CMRR performance of the external resistor scaling approach. In
the calculation of CMRR, the following factors are considered:
• Take into account the number of resistors, which is estimated by √n, where n is the number of resistors
applied. In our case, this estimation results in a factor of 2.
• ΔR / R is the resistor matching ratio. The resistor tolerance for all four resistors is 0.1%.
• Take into account that a normal production distribution of the resistor value with a standard deviation of ±3 σ
(99.7%). In our case, the assumption results in a factor σ = 1/3 = 0.33 into the equation.
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com