Electronic Components Datasheet Search
  English  ▼

X  

MWPR1024IZVHT Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MWPR1024IZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1024IZVHT Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MWPR1024IZVHT Datasheet HTML 23Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 24Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 25Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 26Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 27Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 28Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 29Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 30Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 86 page
background image
Depending on the stop requirements of the user application, a variety of stop modes
are available that provide state retention, partial power down or full power down of
certain logic and/or memory. I/O states are held in all modes of operation. The
following table compares the various power modes available.
For each run mode there is a corresponding wait and stop mode. Wait modes are
similar to Arm sleep modes. Stop modes (VLPS, STOP) are similar to Arm sleep deep
mode. The very low power run (VLPR) operating mode can drastically reduce runtime
power when the maximum bus frequency is not required to handle the application
needs.
The three primary modes of operation are run, wait and stop. The WFI instruction
invokes either wait or stop depending on the SLEEPDEEP bit in Cortex-M0+ System
Control Register. The primary modes are augmented in a number of ways to provide
lower power based on application needs.
Table 8. Power modes (At 25 deg C)
Power mode
Description
CPU
recovery
method
Radio
Normal Run (all
peripherals clock off)
Allows maximum performance of chip.
—
Radio can be active
Normal Wait - via
WFI
Allows peripherals to function, while allowing CPU
to go to sleep reducing power.
Interrupt
Normal Stop - via
WFI
Places chip in static state. Lowest power mode that
retains all registers while maintaining LVD
protection.
Interrupt
PStop2 (Partial Stop
2)
Core and system clocks are gated. Bus clock
remains active. Masters and slaves clocked by bus
clock remain in Run or VLPRun mode. The clock
generators in MCG and the on-chip regulator in the
PMC also remain in Run or VLPRun mode.
Interrupt
PStop1 (Partial Stop
1)
Core, system clocks and bus clock are gated. All
bus masters and slaves enter Stop mode. The clock
generators in MCG and the on-chip regulator in the
PMC also remain in Run or VLPRun mode.
Interrupt
VLPR (Very Low
Power Run) (all
peripherals off)
Reduced frequency (1MHz) Flash access mode,
regulator in low power mode, LVD off. Internal
oscillator can provide low power 4 MHz source for
core. (Values @2MHz core/ 1MHz bus and flash,
module off, execution from flash).
Biasing is disabled when DC-DC is configured for
continuous mode in VLPR/W
—
Radio operation is possible
only when DC-DC is
configured for continuous
mode.1 However, there may
be insufficient MIPS with a
4MHz MCU to support much
in the way of radio operation.
VLPW (Very Low
Power Wait) - via
WFI (all peripherals
off)
Similar to VLPR, with CPU in sleep to further reduce
power. (Values @4MHz core/ 1MHz bus, module
off)
Interrupt
Table continues on the next page...
System and Power Management
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
27
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com