Electronic Components Datasheet Search
  English  ▼

X  

MWPR1024IZVHT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MWPR1024IZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1024IZVHT Datasheet(HTML) 1 Page - NXP Semiconductors

  MWPR1024IZVHT Datasheet HTML 1Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 2Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 3Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 4Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 5Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 6Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 7Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 8Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
MWPR1124ZVHT/
MWPR1024IZVHT Data Sheet
Wireless Power Receiver with Integrated Bluetooth® Low
Energy Radio
Multi-Standard Radio
• 2.4 GHz Bluetooth Low Energy ver. 4.2 compliant
supporting up to 2 simultaneous hardware connections
• Typical Receiver Sensitivity (Bluetooth LE) = -95 dBm
• Prog Transmitter Output Power: -30 dBm to 3.5 dBm
• Low external component counts for low cost application
• On-chip balun with single ended bidirectional RF port
MCU and Memories
• Up to 48 MHz Arm® Cortex-M0+ core
• On-chip 512 KB Flash memory
• On-chip 128 KB SRAM
Low Power Consumption
• Transceiver current (DC-DC buck mode, 3.6 V supply)
• Typical Rx Current: 6.8 mA
• Typical Tx current: 6.1 mA (0 dBm output)
• Low Power Mode (VLLS0) Current: 182 nA
Clocks
• 26 and 32 MHz supported for Bluetooth LE
• 32.768 kHz Crystal Oscillator
Operating Characteristics
• Voltage range: 0.9 V to 4.2 V
• Temperature range:
• –40 to 105 °C (Laminate-QFN)
Human-machine interface
• Touch sensing input
• General-purpose input/output
System peripherals
• Nine MCU low-power modes to provide power
optimization based on application requirements
• DC-DC Converter supporting Buck, Boost, and
Bypass operating modes
• Direct memory access(DMA) Controller
• Computer operating properly(COP) watchdog
• Serial wire debug(SWD) Interface and Micro Trace
buffer
• Bit Manipulation Engine (BME)
Analog Modules
• 16-bit Analog-to-Digital Converter (ADC)
• 12-bit Digital-to-Analog Converter (DAC)
• 6-bit High Speed Analog Comparator (CMP)
• 1.2 V voltage reference (VREF)
Timers
• 16-bit low-power timer (LPTMR)
• 3 Timers Modules(TPM): One 4 channel TPM and
two 2 channel TPMs
• Programmable Interrupt Timer (PIT)
• Real-Time Clock (RTC)
Communication interfaces
• 2 serial peripheral interface (SPI) modules
• 2 inter-integrated circuit (I2C) modules
• Low Power UART module
• Carrier Modulator Timer (CMT)
Security
• AES-128 Hardware Accelerator (AESA)
• True Random Number Generator (TRNG)
MWPR1124ZVHT
MWPR1024IZVHT
48 LQFN
7 x 7 x 0.98 mm Pitch 0.5 mm
NXP Semiconductors
MWPR1124ZVHT
Data Sheet: Technical Data
Rev. 0, 04/2018
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - MWPR1024IZVHT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MWPR1516CALR NXP-MWPR1516CALR Datasheet
907Kb / 38P
MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
Rev 2, 1/2015
MWPR1516CFM NXP-MWPR1516CFM Datasheet
907Kb / 38P
MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
Rev 2, 1/2015
More results

Similar Description - MWPR1024IZVHT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
Bluetooth® low energy wireless system-on-chip
16-Nov-2017
logo
Texas Instruments
CC2642R-Q1 TI1-CC2642R-Q1 Datasheet
1Mb / 61P
CC2642R-Q1 SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
logo
NXP Semiconductors
MKW36Z512 NXP-MKW36Z512 Datasheet
1Mb / 91P
An ultra low power, highly integrated Bluetooth짰 Low Energy 5.0 wireless microcontroller
Rev. 8, 05/2020
MKW36A512 NXP-MKW36A512 Datasheet
1Mb / 101P
An ultra low power, highly integrated Bluetooth짰 Low Energy 5.0 wireless microcontroller
Revision 8, 05/2020
MKW39A512 NXP-MKW39A512 Datasheet
1Mb / 95P
An ultra low-power, highly integrated Bluetooth짰 Low Energy 5.0 wireless microcontroller
Rev. 7, 03/2020
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
logo
NXP Semiconductors
MKW36A512 NXP-MKW36A512_V01 Datasheet
1Mb / 103P
An ultra low power, highly integrated Bluetooth짰 Low Energy 5.0 wireless microcontroller
Rev. 9, 12/2020
MKW36Z512 NXP-MKW36Z512_V01 Datasheet
1Mb / 94P
An ultra low power, highly integrated Bluetooth짰 Low Energy 5.0 wireless microcontroller
Rev. 9, 12/2020
logo
Pepperl+Fuchs Inc.
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com