Electronic Components Datasheet Search
  English  ▼

X  

ML2250 Datasheet(PDF) 19 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 19 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 15Page - OKI electronic componets ML2250 Datasheet HTML 16Page - OKI electronic componets ML2250 Datasheet HTML 17Page - OKI electronic componets ML2250 Datasheet HTML 18Page - OKI electronic componets ML2250 Datasheet HTML 19Page - OKI electronic componets ML2250 Datasheet HTML 20Page - OKI electronic componets ML2250 Datasheet HTML 21Page - OKI electronic componets ML2250 Datasheet HTML 22Page - OKI electronic componets ML2250 Datasheet HTML 23Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
19/36
DC Characteristics (5 V)
ML2251/52/53/54/56-XXX, ML22Q58
ML2251/52/53/54/56-XXX : DVDD = AVDD = 4.5 to 5.5 V, DGND = AGND = 0 V, Ta = –40 to +85°C
ML22Q58 : DVDD = AVDD = 2.7 to 3.3 V, DGND = AGND = 0 V, Ta = 0 to +70°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
—
0.8
VDD
—
—
V
“L” input voltage
VIL
—
—
—
0.2
VDD
V
“H” output voltage
VOH
IOH = –1 mA
VDD –0.4
—
—
V
“L” output voltage
VOL
IOL = 2 mA
—
—
0.4
V
“H” input current 1
IIH1
VIH = VDD
—
—
10
A
“H” input current 2
(Note 1)
IIH2
VIH = VDD
0.8
5.0
20
A
“H” input current 3
(Note 2)
IIH3
VIH = VDD
Pull-down resistor built in pin
30
—
350
A
“L” input current 1
IIL1
VIL = GND
–10
—
—
A
“L” input current 2
(Note 3)
IIL2
VIL = GND
Pull-up resistor built in pin
–230
—
–60
A
“L” input current 3
(Note 1)
IIL3
VIL = GND
–20
–5.0
–0.8
A
IDD1
fOSC = 4.096 MHz at no load
(ML2251/52/53/54/56-XXX)
—
19
40
mA
Operating current
consumption
IDD2
fOSC = 4.096 MHz at no load
(ML22Q58)
—
22
40
mA
Built-in Flash
memory access
Operating current
consumption 1
IDD3
fOSC = 4.096 MHz at no load
Read Operation
(ML22Q58)
—
23
40
mA
Built-in Flash
memory access
Operating current
consumption 2
IDD4
fOSC = 4.096 MHz at no load
Write and Erase Operation
(ML22Q58)
—
33
60
mA
Ta =
–40 to +70°C
—
—
15
A
Ta =
–40 to +85°C
—
—
100
A
Standby current
consumption
IDDS
Ta = 0 to +70
°C
(ML22Q58)
—
—
100
A
Notes: 1. Applies to XT pin.
2. Applies to TEST pin.
3. Applies to RD and DW pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com