Electronic Components Datasheet Search
  English  ▼

X  

ML2250 Datasheet(PDF) 27 Page - OKI electronic componets

Part # ML2250
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2250 Datasheet(HTML) 27 Page - OKI electronic componets

Back Button ML2250 Datasheet HTML 23Page - OKI electronic componets ML2250 Datasheet HTML 24Page - OKI electronic componets ML2250 Datasheet HTML 25Page - OKI electronic componets ML2250 Datasheet HTML 26Page - OKI electronic componets ML2250 Datasheet HTML 27Page - OKI electronic componets ML2250 Datasheet HTML 28Page - OKI electronic componets ML2250 Datasheet HTML 29Page - OKI electronic componets ML2250 Datasheet HTML 30Page - OKI electronic componets ML2250 Datasheet HTML 31Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
27/36
Voice Synthesis Algorithm
The ML2250 family contains 5 algorithm types to match the characteristic of playback voice: 2-bit ADPCM2
algorithm, 4-bit ADPCM 2 algorithm, 8-bit PCM algorithm, 8-bit non-linear PCM algorithm, and 16-bit PCM
algorithm.
Key feature of each algorithm is described in the table below.
Voice synthesis algorithm
Applied waveform
Feature
Oki 2-bit ADPCM2
Normal voice waveform
Oki
’s specific speech synthesis algorithm of low
bit rate with improved 2-bit ADPCM.
Oki 4-bit ADPCM2
Normal voice waveform
Oki
’s specific speech synthesis algorithm of
improved waveform follow-up with improved
4-bit ADPCM.
Oki 8-bit Nonlinear PCM
High-frequency
components
inclusive sound effect etc.
Algorithm which plays back mid-range of
waveform as 10-bit equivalent voice quality.
8-bit PCM
High-frequency
components
inclusive sound effect etc.
Normal 8-bit PCM algorithm
16-bit PCM
High-frequency
components
inclusive sound effect etc.
Normal 16-bit PCM algorithm
Memory Allocation and Creating Voice Data
The ROM is partitioned into4 data areas: voice (i.e., phrase) control area, test area, voice area, and phrase control
table area.
The voice control area manages the ROM’s voice data. It controls the start/end addresses of voice data, usage/not
usage of the phrase control table function and so on. The voice control area stores voice control data for 256
phrases.
The test area stores the data for testing.
The voice area stores the actual waveform data.
The phrase control table area stores data for effective use of voice data. As for the details, please refer to the Phrase
Control Table Function.
There is no phrase control table area if the phrase control table is not used.
The ROM data is created using a development tool.
Voice control area
(16 Kbit Fixed)
Test area
Voice area
Phrase Control Table area
Depends on creation of ROM
data.
0x00000
0x007FF
0x00800
max: 0x1FFFF
max: 0x1FFFF
ROM Addresses (ML2252)
0x00807
0x00808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com