| Electronic Components Datasheet Search |
|
ML2250 Datasheet(PDF) 26 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2250 Datasheet(HTML) 26 Page - OKI electronic componets |
|
26 / 36 page ![]() FEDL2250DIGEST-09 OKI Semiconductor ML2250 family 26/36 Power Down Function In power down state, the power down function in the device stops the internal operation and oscillation, sets AOUT to GND, and minimizes the static Idd. When an external clock is in use, input “L” level to the XT pin, so that current does not flow into the oscillation circuit. Figure below shows the equivalent circuit of ÈÌ and XT pins. To master clock inside the device 1 M approx. RESET XT XT Initial state at the reset input At the reset input, status of each output pins is described in the table below. Output pin Status Output pin Status NCR1 “H” level XT “L” level NCR2 “H” level AOUT “L” level BUSY1 “H” level DAO “L” level BUSY2 “H” level VBG “L” level REGOUT Hi-z level Channel Status Channel status is of 2 types: NCRn and ÞËÍDz. Channel Channel status CH1 NCR1 BUSY1 CH2 NCR2 BUSY2 NCRn = “H” indicates that it is possible to input the PLAY, START and MUON commands for the phrase to be played back next for channel n. ÞËÍDz = “H” indicates a state in which channel n has not performed voice processing. ÞËÍDz = “L” indicates a state in which channel n is performing voice processing. Meanwhile, after a command is input, the NCR and ÞËÍÇ signals of all channels are at “L” level during the processing of the command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |