Electronic Components Datasheet Search
  English  ▼

X  

ML22Q58GA Datasheet(PDF) 33 Page - OKI electronic componets

Part # ML22Q58GA
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML22Q58GA Datasheet(HTML) 33 Page - OKI electronic componets

Back Button ML22Q58GA Datasheet HTML 28Page - OKI electronic componets ML22Q58GA Datasheet HTML 29Page - OKI electronic componets ML22Q58GA Datasheet HTML 30Page - OKI electronic componets ML22Q58GA Datasheet HTML 31Page - OKI electronic componets ML22Q58GA Datasheet HTML 32Page - OKI electronic componets ML22Q58GA Datasheet HTML 33Page - OKI electronic componets ML22Q58GA Datasheet HTML 34Page - OKI electronic componets ML22Q58GA Datasheet HTML 35Page - OKI electronic componets ML22Q58GA Datasheet HTML 36Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
33/36
PACKAGE DIMENSIONS
44pin plastic QFP
(Unit: mm)
QFP44-P-910-0.80-2K
Ó·®®±® º·²·-¸
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating( 5
µm)
Package weight (g)
0.41 TYP.
ë
Rev. No./Last Revised
4/Nov. 28, 1996
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity absorbed in
storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product name,
package name, pin number, package code and desired mounting conditions (reflow method, temperature and
times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com