Electronic Components Datasheet Search
  English  ▼

X  

ML22Q58GA Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML22Q58GA
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML22Q58GA Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML22Q58GA Datasheet HTML 12Page - OKI electronic componets ML22Q58GA Datasheet HTML 13Page - OKI electronic componets ML22Q58GA Datasheet HTML 14Page - OKI electronic componets ML22Q58GA Datasheet HTML 15Page - OKI electronic componets ML22Q58GA Datasheet HTML 16Page - OKI electronic componets ML22Q58GA Datasheet HTML 17Page - OKI electronic componets ML22Q58GA Datasheet HTML 18Page - OKI electronic componets ML22Q58GA Datasheet HTML 19Page - OKI electronic componets ML22Q58GA Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
16/36
Pin
Symbol
Type
Description
30
AVDD
—
Analog power supply pin.
Insert a 0.1 F or larger bypass capacitor between this pin and AGND
pin.
13, 40
DVDD
—
Digital power supply pin.
Insert a 0.1 F or larger bypass capacitor between this pin and DGND
pin.
27
AGND
—
Analog ground pin.
17, 31, 39
DGND
—
Digital ground pin.
Applicable to ML22Q58 Pins
Pin
Symbol
Type
Description
38
REGOUT
O
3V regulator output pin for the built-in flash power supplies. Connect a
10 F or larger condenser between REGOUT pin and DGND pin.
41
VBG
O
Reference voltage output pin for regulator. Recommends connecting a
150pF condenser between REGOUT pin and DGND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com