Electronic Components Datasheet Search
  English  ▼

X  

ML22Q58GA Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML22Q58GA
Description  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML22Q58GA Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML22Q58GA Datasheet HTML 6Page - OKI electronic componets ML22Q58GA Datasheet HTML 7Page - OKI electronic componets ML22Q58GA Datasheet HTML 8Page - OKI electronic componets ML22Q58GA Datasheet HTML 9Page - OKI electronic componets ML22Q58GA Datasheet HTML 10Page - OKI electronic componets ML22Q58GA Datasheet HTML 11Page - OKI electronic componets ML22Q58GA Datasheet HTML 12Page - OKI electronic componets ML22Q58GA Datasheet HTML 13Page - OKI electronic componets ML22Q58GA Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
10/36
ML2253/54-XXXHB
33pin W-CSP(Bottom View)
D5/DO
D3
D1
DGND
XT
XT
6
D6/SCK
D4
D2
D0
DVDD
TEST
5
AGND
D7/DI
RESET
TESTO2
4
DAO
AOUT
NCR1/NDR
TESTO1
RD
3
AVDD
DGND
CS
WR
BUSY1
NCR2/DL
2
SERIAL
OPTANA
DGND
DVDD
DW
BUSY2
/ERR
1
F
E
D
C
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com