Electronic Components Datasheet Search
  English  ▼

X  

ADP1052 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP1052
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP1052 Datasheet HTML 45Page - Analog Devices ADP1052 Datasheet HTML 46Page - Analog Devices ADP1052 Datasheet HTML 47Page - Analog Devices ADP1052 Datasheet HTML 48Page - Analog Devices ADP1052 Datasheet HTML 49Page - Analog Devices ADP1052 Datasheet HTML 50Page - Analog Devices ADP1052 Datasheet HTML 51Page - Analog Devices ADP1052 Datasheet HTML 52Page - Analog Devices ADP1052 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 49 of 113
Host Sends Too Many Bytes
If a host sends more bytes than are expected for the corresponding
command, the PMBus slave considers this a data transmission
fault and responds as follows:
1. Issues a no acknowledge for all unexpected bytes as they
are received.
2. Flushes and ignores the received command and data.
3. Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1]).
Host Reads Too Many Bytes
If a host reads more bytes than are expected for the corresponding
command, the PMBus slave considers this a data transmission
fault and responds as follows:
1. Sends all 1s (0xFF) for as long as the host continues to
request data.
2. Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1]).
Device Busy
The PMBus slave device is too busy to respond to a request
from the master device. This condition is not supported in the
ADP1052.
DATA CONTENT FAULTS
Data content faults may occur when the data transmission is
successful, but the PMBus slave device cannot process the data
that is received from the master device.
Improperly Set Read Bit in the Address Byte
All PMBus commands start with a slave address with the R/W
bit cleared to 0, followed by the command code. If a host starts a
PMBus transaction with R/W set in the address phase (equiva-
lent to an I2C read), the PMBus slave considers this a data
content fault and responds as follows:
1. Acknowledges (ACK or A) the address byte.
2. Issues a no acknowledge (NACK or A) for the command
and data bytes.
3. Sends all 1s (0xFF) as long as the host continues to request
data.
4. Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1]).
Invalid or Unsupported Command Code
If an invalid or unsupported command code is sent to the
PMBus slave, the code is considered to be a data content fault,
and the PMBus slave responds as follows:
1. Issues a no acknowledge (NACK or A) for the
illegal/unsupported command byte and data bytes.
2. Flushes and ignores the received command and data.
3. Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1]).
Reserved Bits
Accesses to reserved bits are not a fault. Writes to reserved bits
are ignored, and reads from reserved bits return undefined data.
Write to Read Only Commands
If a host performs a write to a read only command, the PMBus
slave considers this a data content fault and responds as follows:
1. Issues a no acknowledge (NACK or A) for all unexpected
data bytes as they are received.
2. Flushes and ignores the received command and data.
3. Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1]).
Note that this is the same error described in the Host Sends Too
Many Bytes section.
Read from Write Only Commands
If a host performs a read from a write only command, the PMBus
slave considers this a data content fault and responds as follows:
1. Sends all 1s (0xFF) for as long as the host continues to
request data.
2. Sets the CML bit in the STATUS_BYTE command register
(Register 0x78[1]).
Note that this is the same error response that is described in the
Host Reads Too Many Bytes section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com