Electronic Components Datasheet Search
  English  ▼

X  

ADP1052 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1052
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1052 Datasheet HTML 16Page - Analog Devices ADP1052 Datasheet HTML 17Page - Analog Devices ADP1052 Datasheet HTML 18Page - Analog Devices ADP1052 Datasheet HTML 19Page - Analog Devices ADP1052 Datasheet HTML 20Page - Analog Devices ADP1052 Datasheet HTML 21Page - Analog Devices ADP1052 Datasheet HTML 22Page - Analog Devices ADP1052 Datasheet HTML 23Page - Analog Devices ADP1052 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
ADP1052
Data Sheet
Rev. B | Page 20 of 113
Figure 19. Edge Adjustment Reference During Synchronization
To ensure a constant dead time before and after synchronization,
Register 0xFE6D to Register 0xFE6F can be set for edge adjust-
ment referred to tS/2 or tS. For example, the falling edge of
OUTA (tF1) is referred to the ½ × tS position, which means that
the time difference between tF1 and ½ × tS is a constant during
synchronization transition. Figure 19 shows an example of the
edge adjustment reference settings in a full bridge topology.
Synchronization as a Master Device
Use Register 0xFE12[5:4] to program the synchronization
output (SYNO) function, in which the OUTC pin (Pin 11) or
the OUTD pin (Pin 12) generates a synchronization reference
clock output. When Bit 4 is set, OUTC generates a 640 ns pulse
width clock signal that represents the internal switching frequency.
When Bit 5 is set, OUTD generates a 640 ns pulse width clock
signal that also represents the internal switching frequency.
To compensate the propagation delays in the synchronization
scheme of the ADP1052, the synchronization output signal has a
760 ns lead time before the start of the internal switching cycle.
The synchronization output signal is always available when
VDD is applied. The VDD_OV fault is the only fault condition
that suspends the synchronization output signal.
OUTPUT VOLTAGE SENSE AND ADJUSTMENT
The output voltage sense and adjustment function is used for
control, monitoring, and undervoltage protection of the remote
output voltage. VS− (Pin 1) and VS+ (Pin 2) are fully differential
inputs. The voltage sense point can be calibrated digitally to remove
any errors due to external components. This calibration can be
performed in the production environment, and the settings
stored in the EEPROM of the ADP1052 (see the Power Supply
Calibration and Trim section for more information).
For voltage monitoring, the READ_VOUT output voltage
command (Register 0x8B) is updated every 10 ms. The ADP1052
stores every ADC sample for 10 ms and then calculates the average
value at the end of the 10 ms period. Therefore, if Register 0x8B is
read at least every 10 ms, a true average value is obtained. The volt-
age information is available through the I2C/PMBus interface.
The control loop of the ADP1052 features a patented multipath
architecture. The output voltage is converted simultaneously by
two ADCs: a high accuracy ADC and a high speed ADC. To
provide a high performance and cost competitive solution, the
complete signal is reconstructed and processed in the digital
compensator.
Voltage Feedback Sensing (VS+, VS− Pins)
The output voltage feedback sense point on the power rail
requires an external resistor divider (R1 and R2 in Figure 20) to
bring the nominal differential mode signal to 1 V between the
VS+ and VS− pins (see Figure 20). This external resistor divider
is necessary because the VS ADC input range of the ADP1052 is
0 V to 1.6 V. When R1 and R2 are known, the VOUT_SCALE_
LOOP parameter can be calculated using the following
equation:
VOUT_SCALE_LOOP = R2/(R1 + R2)
In a 12 V system with resistor dividers of 11 kΩ and 1 kΩ, the
VOUT_SCALE_LOOP can be calculated as follows:
VOUT_SCALE_LOOP = 1 kΩ/(11 kΩ + 1 kΩ) = 0.08333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com