Electronic Components Datasheet Search
  English  ▼

X  

ADP1052 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1052
Description  Digital Controller for Isolated Power Supply with PMBus Interface
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1052 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1052 Datasheet HTML 9Page - Analog Devices ADP1052 Datasheet HTML 10Page - Analog Devices ADP1052 Datasheet HTML 11Page - Analog Devices ADP1052 Datasheet HTML 12Page - Analog Devices ADP1052 Datasheet HTML 13Page - Analog Devices ADP1052 Datasheet HTML 14Page - Analog Devices ADP1052 Datasheet HTML 15Page - Analog Devices ADP1052 Datasheet HTML 16Page - Analog Devices ADP1052 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
Data Sheet
ADP1052
Rev. B | Page 13 of 113
–60
–40
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
140
MAX SPEC
MIN SPEC
MAX
MIN
2.5
2.0
1.5
0.5
–0.5
1.0
0
–1.0
–1.5
–2.0
–2.5
MEAN
Figure 8. Resistance Temperature Detection (RTD) ADC Accuracy vs.
Temperature (From 10% to 90% of FSR)
1.23
1.22
1.21
1.20
1.19
1.18
1.17
–60
–40
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
140
MAX SPEC
MIN SPEC
MAX
MIN
MEAN
Figure 9. CS1 OCP Comparator Reference vs. Temperature (1.2 V Reference)
0.280
0.265
0.250
0.235
0.220
–60
–40
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
140
MAX SPEC
MIN SPEC
MAX
MIN
MEAN
Figure 10. CS1 OCP Comparator Reference vs. Temperature (0.25 V Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com