Electronic Components Datasheet Search
  English  ▼

X  

ML9058 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML9058
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9058 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML9058 Datasheet HTML 17Page - OKI electronic componets ML9058 Datasheet HTML 18Page - OKI electronic componets ML9058 Datasheet HTML 19Page - OKI electronic componets ML9058 Datasheet HTML 20Page - OKI electronic componets ML9058 Datasheet HTML 21Page - OKI electronic componets ML9058 Datasheet HTML 22Page - OKI electronic componets ML9058 Datasheet HTML 23Page - OKI electronic componets ML9058 Datasheet HTML 24Page - OKI electronic componets ML9058 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
FEDL9058-01
OKI Semiconductor
ML9058
21/76
Serial Interface
When the serial interface is selected (P/S = “L”), the serial data input (SI) and the serial clock input (SCL) can be
accepted if the chip is in the active state (CS1 = “L” and CS2 = “H”). The serial interface consists of an 8-bit shift
register and a 3-bit counter. The serial data is read in from the serial data input pin in the sequence DB7, DB6, ... ,
DB0 at the rising edge of the serial clock input, and is converted into parallel data at the rising edge of the 8th serial
clock pulse and processed further. The identification of whether the serial data is display data or command is
judged based on the A0 input, and the data is treated as display data when A0 is “H” and as command when A0 is
“L”. The A0 input is read in and identified at the rising edge of the (8
× n) th serial clock pulse after the chip has
become active. Fig. 1 shows the signal chart of the serial interface. (When the chip is not active, the shift register
and the counter are reset to their initial states. No data read out is possible in the case of the serial interface. It is
necessary to take sufficient care about wiring termination reflection and external noise in the case of the SCL
signal. We recommend verification of operation in an actual unit.)
Fig. 1 Signal chart during serial interface
• Chip select
The ML9058 has the two chip select pins CS1and CS2, and the MPU interface or the serial interface is enabled
only when CS1 = “L” and CS2 = “H”. When the chip select signals are in the inactive state, the DB0 to DB7 lines
will be in the high impedance state and the inputs A0, RD, and WR will not be effective. When the serial interface
has been selected, the shift register and the counter are reset when the chip select signals are in the inactive state.
• Accessing the display data RAM and the internal registers
Accessing the ML9058 from the MPU side requires merely that the cycle time (tCYC) be satisfied, and high speed
data transfer without requiring any wait time is possible. Also, during the data transfer with the MPU, the ML9058
carries out a type of pipeline processing between LSIs via a bus holder associated with the internal data bus. For
example, when the MPU writes data in the display data RAM, the data is temporarily stored in the bus holder, and
is then written into the display data RAM before the next data read cycle. Further, when the MPU reads out data in
the display data RAM, first a dummy data read cycle is carried out to temporarily store the data in the bus holder
which is then placed on the system bus and is read out during the next read cycle. There is a restriction on the read
sequence of the display data RAM, which is that the read instruction immediately after setting the address does not
read out the data of that address, but that data is output as the data of the address specified during the second data
read sequence, and hence care should be taken about this during reading. Therefore, always one dummy read is
necessary immediately after setting the address or after a write cycle: (The status read cannot use dummy read
cycles.) This relationship is shown in Figs 2(a) and 2(b).
DB7
SI
SCL
A0
CS2
CS1
1
DB6
2
DB5
3
DB4
4
DB3
5
DB2
6
DB1
7
DB0
8
DB7
9
DB6
10
DB5
11
DB4
12
DB3
13
DB2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com