Electronic Components Datasheet Search
  English  ▼

X  

ML9058 Datasheet(PDF) 34 Page - OKI electronic componets

Part # ML9058
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9058 Datasheet(HTML) 34 Page - OKI electronic componets

Back Button ML9058 Datasheet HTML 30Page - OKI electronic componets ML9058 Datasheet HTML 31Page - OKI electronic componets ML9058 Datasheet HTML 32Page - OKI electronic componets ML9058 Datasheet HTML 33Page - OKI electronic componets ML9058 Datasheet HTML 34Page - OKI electronic componets ML9058 Datasheet HTML 35Page - OKI electronic componets ML9058 Datasheet HTML 36Page - OKI electronic componets ML9058 Datasheet HTML 37Page - OKI electronic componets ML9058 Datasheet HTML 38Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
FEDL9058-01
OKI Semiconductor
ML9058
34/76
(b) When external resistors are used (voltage V1 adjustment internal resistors are not used)
It is also possible to set the LCD drive power supply voltage V1 without using the internal resistors for voltage V1
adjustment but connecting external resistors (Ra' and Rb') between VSS & VR and between VR & V1. Even in this
case, it is possible to control the LCD power supply voltage V1 and adjust the intensity of LCD display using
commands if the electronic potentiometer function is used.
The voltage V1 can be obtained by the following equation B-1 in the range of V1<VOUT by setting the external
resistors Ra' and Rb' appropriately.
V1 = (1 + (Rb'/Ra'))
• VEV = (1 + (Rb'/Ra')) • (1 – (α/324)) • VREG (Eqn. B-1)
+
–
VSS
V1
External Ra'
External Rb'
VEV (Constant voltage supply +
electronic potentiometer)
VR
Fig. 10 V1 voltage adjustment circuit (equivalent circuit)
Setting example: Setting V1 = 7 V at Tj = 25°C
When the electronic potentiometer register value is set to the middle value of (DB5, DB4, DB3, DB2, DB1, DB0)
= (1, 0, 0, 0, 0, 0), the value of
α will be 31 and that of VREG will be 3.0 V, and hence the equation B-1 becomes
as follows:
V1 = (1 + (Rb'/Ra'))
• (1 – (α/324)) • VREG
7 = (1 + (Rb'/Ra'))
• (1 – (31/324)) • 3.0 (Eqn. B-2)
Further, if the current flowing through Ra' and Rb' is set as 5 µA, the value of Ra' + Rb' will be - Ra' + Rb' = 1.4
M
Ω (Eqn. B-3)
and hence,
Rb'/Ra' = 1.58, Ra' = 543 k
Ω, Rb' = 857 kΩ.
In this case, the variability range of voltage V1 using the electronic potentiometer function will be as given in
Table 13.
Table 13 Example 1 of V1 variable-voltage range using electronic potentiometer function
V1
Min
Typ
Max
Unit
Variable-voltage range
6.24 (
α = 63)
7.0 (
α = 31)
7.74 (
α = 0)
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com