Electronic Components Datasheet Search
  English  ▼

X  

ML9058 Datasheet(PDF) 39 Page - OKI electronic componets

Part # ML9058
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9058 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button ML9058 Datasheet HTML 35Page - OKI electronic componets ML9058 Datasheet HTML 36Page - OKI electronic componets ML9058 Datasheet HTML 37Page - OKI electronic componets ML9058 Datasheet HTML 38Page - OKI electronic componets ML9058 Datasheet HTML 39Page - OKI electronic componets ML9058 Datasheet HTML 40Page - OKI electronic componets ML9058 Datasheet HTML 41Page - OKI electronic componets ML9058 Datasheet HTML 42Page - OKI electronic componets ML9058 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
FEDL9058-01
OKI Semiconductor
ML9058
39/76
Note: When trace resistance external to COG-mounted chip does not exist,
when C1 (*1) = 0.9
µF to 5.7 µF, C2 (*2) = 0.42 µF to 1.2 µF,
use in the range Rall (*3) = 1 M
Ω to 5 MΩ.
when C1 (*1) = 1.8
µF to 5.7 µF, C2 (*2) = 0.42 µF to 1.2 µF,
use in the range Rall (*3) = 500 k
Ω to 1 MΩ.
Make sure that voltage multiplier output voltage, and V1 output voltage have enough margin
before using this LSI.
• Initial setting
Note: If electric charge remains in smoothing capacitor connected between the LCD driver voltage output pins (V1
to V5) and the VSS pin, a malfunction might occur: the display screen gets dark for an instant when powered
on.
To avoid a malfunction at power-on, it is recommended to follow the flowchart in the “EXAMPLES OF
SETTINGS FOR THE INSTRUCTIONS” section in page 54.
(6) When not using the internal power supply
(5) When only the V/F circuits are used
VSS
C2: *2
C2
C2
C2
C2
IRS
VIN
VC6+
VC4+
VS2–
VC5+
VC3+
VS1–
V1
VR
VSS
VOUT
V1
V2
V3
V4
V5
M/
S
VDD
External
power
supply
OPEN
OPEN
OPEN
OPEN
OPEN
OPEN
OPEN
OPEN
IRS
VIN
VC6+
VC4+
VS2–
VC5+
VC3+
VS1–
V1
VR
VSS
VOUT
V1
V2
V3
V4
V5
M/
S
VDD
VSS
External
power
supply
OPEN
OPEN
OPEN
OPEN
OPEN
OPEN
OPEN
OPEN
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com