Electronic Components Datasheet Search
  English  ▼

X  

ML9212 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9212
Description  32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9212 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9212 Datasheet HTML 2Page - OKI electronic componets ML9212 Datasheet HTML 3Page - OKI electronic componets ML9212 Datasheet HTML 4Page - OKI electronic componets ML9212 Datasheet HTML 5Page - OKI electronic componets ML9212 Datasheet HTML 6Page - OKI electronic componets ML9212 Datasheet HTML 7Page - OKI electronic componets ML9212 Datasheet HTML 8Page - OKI electronic componets ML9212 Datasheet HTML 9Page - OKI electronic componets ML9212 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FEDL9212-01
OKI Semiconductor
ML9212
6/17
Parameter
Symbol
Condition
Min
Typ.
Max.
Unit
Oscillation Frequency
fOSC
R = 10 k
Ω±5%,
C = 27 pF±5%
2.2
3.3
4.4
MHz
1/3 duty
179
269
358
Frame Frequency
fFR
R = 10 k
Ω±5%,
C = 27 pF±5%
1/2 duty
268
403
538
Hz
Operating Temperature
TOP
—
–40
—
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com