Electronic Components Datasheet Search
  English  ▼

X  

ML9212 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9212
Description  32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9212 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9212 Datasheet HTML 7Page - OKI electronic componets ML9212 Datasheet HTML 8Page - OKI electronic componets ML9212 Datasheet HTML 9Page - OKI electronic componets ML9212 Datasheet HTML 10Page - OKI electronic componets ML9212 Datasheet HTML 11Page - OKI electronic componets ML9212 Datasheet HTML 12Page - OKI electronic componets ML9212 Datasheet HTML 13Page - OKI electronic componets ML9212 Datasheet HTML 14Page - OKI electronic componets ML9212 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FEDL9212-01
OKI Semiconductor
ML9212
11/17
[Bit correspondence between segment output and segment data]
SEG n
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Segment data
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
SEG n
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Segment data
S17
S18
S19
S20
S21
S22
S23
S24
S25
S26
S27
S28
S29
S30
S31
S32
Digital Dimming Data Input [Function Mode: 4]
• ML9212 receives the digital dimming data when function mode 4 is selected.
• The output duty changes in the range of 0/1024 (0%) to 1016/1024 (99.2%) for each grid.
• The 10-bit digital dimming data is input from LSB.
[Data Format]
Input Data
: 13 bits
Digital Dimming Data
: 10 bits
Mode Data
: 3 bits
Bit
1
2
3
4
5
6
7
8
9
10
11
12
13
Input DATA
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
M0
M1
M2
(LSB)
Dimming Data
(MSB)
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
Duty Cycle
0
0
0
0
0
0
0
0
0
0
0/1024
1
0
0
0
0
0
0
0
0
0
1/1024
1
1
1
0
1
1
1
1
1
1
1015/1024
0
0
0
1
1
1
1
1
1
1
1016/1024
1
0
0
1
1
1
1
1
1
1
1016/1024
1
1
1
1
1
1
1
1
1
1
1016/1024
Master Mode
Master Mode is selected when M/
S pin is set at High level. The master mode operation is as follows:
• The input levels of DIM IN, SYNC IN1 and SYNC IN2 are ignored, and these pins should be connected to
L-GND or VDD.
• The pulse width of
GRID1 to 3 and SEG1 to 32 are controlled by the internal digital dimming circuit.
• The segment Latch1 to 3 corresponding to
GRID1 to 3 are selected by the internal timing generator.
Digital Dimming Data (10 bits)
Mode Data
(3 bits)
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com