Electronic Components Datasheet Search
  English  ▼

X  

ML9212 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML9212
Description  32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9212 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML9212 Datasheet HTML 8Page - OKI electronic componets ML9212 Datasheet HTML 9Page - OKI electronic componets ML9212 Datasheet HTML 10Page - OKI electronic componets ML9212 Datasheet HTML 11Page - OKI electronic componets ML9212 Datasheet HTML 12Page - OKI electronic componets ML9212 Datasheet HTML 13Page - OKI electronic componets ML9212 Datasheet HTML 14Page - OKI electronic componets ML9212 Datasheet HTML 15Page - OKI electronic componets ML9212 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
FEDL9212-01
OKI Semiconductor
ML9212
12/17
Slave Mode
Slave Mode is selected when M/
S pin is set at Low level. The slave mode operation is as follows:
• The internal dimming circuit is ignored.
• The pulse width of SEG1 to 32 are controlled by the pulse width of DIM IN signal.
• The segment Latch1 to 3 corresponding to
GRID1 to 3 are selected by SYNC IN1 and SYNC IN2 signals.
• The output levels of
GRID1 to 3 are set at High level. The output levels of DIM OUT, SYNC OUT1 and SYNC
OUT2 are set at Low level.
[Correspondence between SYNC IN1, 2 and Segment Latch1 to 3]
[Correspondence between DIM IN and SEG1 to 32]
SYNC IN 1
SYNC IN 2
Segment
Latch
GRID
DIM IN
SEG1 to 32
0
0
No
No
0
Low
1
0
Latch1
GRID1
1
High
0
1
Latch2
GRID2
Note: Low: Lights OFF
1
1
Latch3
GRID3
High: Lights ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com