Electronic Components Datasheet Search
  English  ▼

X  

ML9213 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9213 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9213 Datasheet HTML 3Page - OKI electronic componets ML9213 Datasheet HTML 4Page - OKI electronic componets ML9213 Datasheet HTML 5Page - OKI electronic componets ML9213 Datasheet HTML 6Page - OKI electronic componets ML9213 Datasheet HTML 7Page - OKI electronic componets ML9213 Datasheet HTML 8Page - OKI electronic componets ML9213 Datasheet HTML 9Page - OKI electronic componets ML9213 Datasheet HTML 10Page - OKI electronic componets ML9213 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
7/19
ELECTRICAL CHARACTERISTICS
DC Characteristics
Ta = –40 to +105°C, V
DISP = 8.0 to 18.0 V, VDD = 4.5 to 5.5 V
Parameter
Symbol
Applied pin
Condition
Min.
Max.
Unit
High Level Input Voltage
V
IH
*1)
—
0.8V
DD
—V
Low Level Input Voltage
V
IL
*1)
—
—
0.2V
DD
V
High Level Input Current
I
IH
*1)
V
IH = VDD
–1.0
+1.0
PA
Low Level Input Current
I
IL
*1)
V
IL = GND
–1.0
+1.0
PA
V
OH1
SEG1-37
I
OH1 = –5 mA
V
DISP–0.8
—
V
V
OH2
SEG38-56
I
OH2 = –10 mA
V
DISP–0.8
—
V
V
OH3
GRID1-3
V
DISP = 9.5 V
I
OH3 = –5 mA
V
DISP–0.8
—
V
High Level Output Voltage
V
OH4
*2)
V
DD = 4.5V
I
OH4 = –200 PAVDD–0.8
—
V
V
OL1
SEG1-37
I
OL1 = 500 PA—
2.0
V
V
OL2
SEG38-56
I
OL2 = 500 PA—
2.0
V
V
OL3
GRID1-3
V
DISP = 9.5 V
I
OL3 = 10 mA
—
2.0
V
Low Level Output Voltage
V
OL4
*2)
V
DD = 4.5 V
I
OL4 = 200 PA—
0.8
V
I
DISP
V
DISP
—
100
PA
Supply Current
I
DD
V
DD
R=10 k
: ±5%,C=27 pF ±5%,
no load
—5.0
mA
*1) CS, CLOCK, DATA IN, DIM IN, SYNC IN1, SYNC IN2, M/
S, DUP/TRI
*2) DIM OUT, SYNC OUT1, SYNC OUT2
AC Characteristics
Ta = –40 to +105°C, V
DISP = 8.0 to 18.0 V, VDD = 4.5 to 5.5 V
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock Frequency
f
C
——
2.0
MHz
Clock Pulse Width
t
CW
—
200
—
ns
Data Setup Time
t
DS
—
200
—
ns
Data Hold Time
t
DH
—
200
—
ns
CS Off Time
t
CSL
—20
—
Ps
CS Setup Time
(CS–Clock)
t
CSS
—
200
—
ns
CS Hold Time
(Clock–CS)
t
CSH
—
200
—
ns
CS Wait Time
t
RSOFF
—
400
—
Ps
t
R
t
R = 20% to 80%
—
2.0
Ps
Output Slew Rate Time
t
F
C
L = 100 pF
t
F = 80% to 20%
—
2.0
Ps
V
DD Rise Time
t
PRZ
Mounted in a unit
—
100
Ps
V
DD Off Time
t
POF
Mounted in a unit, V
DD = 0.0 V
5.0
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com