Electronic Components Datasheet Search
  English  ▼

X  

ML9213 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9213 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML9213 Datasheet HTML 8Page - OKI electronic componets ML9213 Datasheet HTML 9Page - OKI electronic componets ML9213 Datasheet HTML 10Page - OKI electronic componets ML9213 Datasheet HTML 11Page - OKI electronic componets ML9213 Datasheet HTML 12Page - OKI electronic componets ML9213 Datasheet HTML 13Page - OKI electronic componets ML9213 Datasheet HTML 14Page - OKI electronic componets ML9213 Datasheet HTML 15Page - OKI electronic componets ML9213 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
12/19
Anode Dimming Data Input [Function Mode: 4]
N ML9213 receives the anode dimming data when function mode 4 is selected.
N The output duty changes in the range of 0/1024 (0%) to 1016/1024 (99.2%) for each grid.
N The 10-bit anode dimming data is input from LSB.
[Data Format]
Input Data
: 13 bits
Anode Dimming Data : 10 bits
Mode Data
:
3 bits
Bit
1
2
3
4
5
6
7
8
9
10111213
Input Data
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
M0
M1
M2
LSB
MSB
Digital Dimming Data (10bits)
Mode Data
(3bits)
(LSB)
Dimming Data
(MSB)
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
Duty Cycle
000
00
00
000
0/1024
100
00
00
000
1/1024
111
01
11
111
1015/1024
000
11
11
111
1016/1024
100
11
11
111
1016/1024
111
11
11
111
1016/1024
Master Mode
Master Mode is selected when M/
S pin is set at High level. The master mode operation is as follows:
N Input to DIM IN, SYNC IN1 and SYNC IN2 is ignored, and these pins should be connected to L-GND or V
DD.
N The pulse width of SEG1 to SEG56 is controlled by the internal digital dimming circuit.
N The segment data corresponding to GRID1 to 3 is selected by the internal timing generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com