Electronic Components Datasheet Search
  English  ▼

X  

ML9213 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9213 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML9213 Datasheet HTML 4Page - OKI electronic componets ML9213 Datasheet HTML 5Page - OKI electronic componets ML9213 Datasheet HTML 6Page - OKI electronic componets ML9213 Datasheet HTML 7Page - OKI electronic componets ML9213 Datasheet HTML 8Page - OKI electronic componets ML9213 Datasheet HTML 9Page - OKI electronic componets ML9213 Datasheet HTML 10Page - OKI electronic componets ML9213 Datasheet HTML 11Page - OKI electronic componets ML9213 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
8/19
TIIMING DIAGRAM
NNNN Data Input Timing
NNNN Reset Timing
NNNN Driver Output Timing
–0.8V
DISP
–0.2V
DISP
SEG1-56,
GRID1-3
t
R
t
R
t
F
–0.8V
DD
–0.2V
DD
–0.8V
DD
–0.2V
DD
–0.8V
DD
–0.2V
DD
CS
CLOCK
DATA IN
t
CSS
1/f
C
t
CW
t
CW
t
CSL
VALID
VALID
VALID
VALID
t
CSH
t
DS
t
DH
t
POF
t
PRZ
V
DD
CS
t
RSOFF
–0.8V
DD
–0.0 V
–0.8V
DD
–0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com