Electronic Components Datasheet Search
  English  ▼

X  

MMRF1012N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF1012N
Description  RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1012N Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF1012N Datasheet HTML 1Page - NXP Semiconductors MMRF1012N Datasheet HTML 2Page - NXP Semiconductors MMRF1012N Datasheet HTML 3Page - NXP Semiconductors MMRF1012N Datasheet HTML 4Page - NXP Semiconductors MMRF1012N Datasheet HTML 5Page - NXP Semiconductors MMRF1012N Datasheet HTML 6Page - NXP Semiconductors MMRF1012N Datasheet HTML 7Page - NXP Semiconductors MMRF1012N Datasheet HTML 8Page - NXP Semiconductors MMRF1012N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MMRF1012NR1
3
RF Device Data
Freescale Semiconductor, Inc.
Figure 2. MMRF1012NR1 Test Circuit Schematic
Z7
0.062 x 0.270 Microstrip
Z8
0.198 x 0.082 Microstrip
Z9
5.600 x 0.082 Microstrip
Z10
0.442 x 0.082 Microstrip
Z11
0.341 x 0.082 Microstrip
PCB
Arlon CuClad 250GX--0300--55--22, 0.030, r =2.55
Z1
0.235 x 0.082 Microstrip
Z2
1.190 x 0.082 Microstrip
Z3
0.619 x 0.082 Microstrip
Z4
0.190 x 0.270 Microstrip
Z5
0.293 x 0.270 Microstrip
Z6
0.120 x 0.270 Microstrip
Z1
RF
INPUT
C1
Z2
Z3
Z4
DUT
Z7
C18
RF
OUTPUT
Z10
C5
B1
VBIAS
VSUPPLY
C3
+
C4
C2
+
C12
C13
C11
C16
+
C7
C6
Z5
Z11
Z6
B2
R1
L1
L3
C8
C14 C15
C9
C10
Z8
Z9
L2
C17
Table 6. MMRF1012NR1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1, B2
95 , 100 MHz Long Ferrite Beads
2743021447
Fair--Rite
C1, C8, C11, C18
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C2
10 F, 35 V Tantalum Capacitor
T491D106K035AT
Kemet
C3
22 F, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C4, C13
39 K pF Chip Capacitors
ATC200B393KT50XT
ATC
C5, C14
22 K pF Chip Capacitors
ATC200B223KT50XT
ATC
C6, C15
0.1 F Chip Capacitors
CDR33BX104AKYS
Kemet
C7, C12
2.2 F, 50 V Chip Capacitors
C1825C225J5RAC
Kemet
C9
0.6--4.5 pF Variable Capacitor, Gigatrim
27271SL
Johanson
C10
12 pF Chip Capacitor
ATC100B120JT500XT
ATC
C16
470 F, 63 V Electrolytic Capacitor
ESMG630ELL471MK205
United Chemi--Con
C17
27 pF Chip Capacitor
ATC100B270JT500XT
ATC
L1
17.5 nH Inductor
B06T
CoilCraft
L2, L3
82 nH Inductors
1812SMS--82NJ
CoilCraft
R1
120 , 1/4 W Chip Resistor
CRCW1206120RFKEA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com